Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

02-___VJU-A__ Arkusz danych(PDF) 2 Page - Huber+Suhner, Inc.

Numer części 02-___VJU-A__
Szczegółowy opis  Duplex Fig. 0 2.6mm 0.6mm Tight Tube TPU-FR 3.9 x 6.6mm
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  HUBERSUHNER [Huber+Suhner, Inc.]
Strona internetowa  https://www.hubersuhner.com
Logo HUBERSUHNER - Huber+Suhner, Inc.

02-___VJU-A__ Arkusz danych(HTML) 2 Page - Huber+Suhner, Inc.

  02-___VJU-A___26 Datasheet HTML 1Page - Huber+Suhner, Inc. 02-___VJU-A___26 Datasheet HTML 2Page - Huber+Suhner, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2/2
DATA SHEET
Fiber Optic Cable
Duplex Fig. 0 2.6mm 0.6mm Tight Tube TPU-FR 3.9 x 6.6mm
02-.../VJU-A...26
Mechanical data
Radius
25 mm
Weight
1 kg
Cycles
10000
Crush resistance
Standard
IEC 60794-1-2 E3
During installation
In service
Flexing
Standard
IEC 60794-1-21 E8
Radius
60 mm
Weight
Velocity
Cycles
1000
Colours
Fiber
H200: transparent
Tube
Transparent
Inner jacket
Orange and yellow
Standard outer jacket colours
Orange
Type of fiber
Fiber type
Fiber standard
H200/230/500
according to IEC 60793-2-30 A3c
Fiber colour code
1
2
3
4
5
6
7
8
9
10
11
12
H+S
Standard
Red
Green
Yellow
Blue
White
Violet
Orange
Black
Grey
Brown
Heather
violet
Turquoise
DIN
Red
Green
Blue
Yellow
White
Grey
Brown
Violet
Turquoise
Black
Orange
Heather
violet
TIA
Blue
Orange
Green
Brown
Grey
White
Red
Black
Yellow
Violet
Heather
violet
Turquoise
IEC
Blue
Yellow
Red
White
Green
Violet
Orange
Grey
Turquoise
Black
Brown
Heather
violet
HUBER+SUHNER is certified by ISO 9001, ISO 14001, ISO 45001, IATF 16949, AS/
EN 9100 and ISO/TS 22163-IRIS. Waiver: Facts and figures herein are for
information only and do not represent any warranty of any kind.
DOCUMENT PIM-P7356 / Date of publication: 21.09.2023 / uncontrolled copy
hubersuhner.com



Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com