| Zakładka z wyszukiwarką danych komponentów |
|
BAS16W Arkusz danych(PDF) 2 Page - Diodes Incorporated |
|
|
|||||||||||||||||||||||||||||
BAS16W Arkusz danych(HTML) 2 Page - Diodes Incorporated |
|
2 / 3 page ![]() DS30094 Rev. 9 - 2 2 of 3 MMBD4148W / BAS16W www.diodes.com 0.1 1 10 100 1000 10000 0 20 40 60 80 100 V , INSTANTANEOUS REVERSE VOLTAGE (V) R Fig. 2 Typical Reverse Characteristics T = -40ºC A T = 25ºC A T = 75ºC A T = 125ºC A T = 150ºC A T = 0ºC A 0.1 1 0.01 0.001 0 1.5 1.0 0.5 V , INSTANTANEOUS FORWARD VOLTAGE (V) F Fig. 1 Forward Characteristics T = -40ºC A T = 150ºC A T = 75ºC A T = 25ºC A T = 0ºC A 0 100 200 250 200 150 50 100 0 T , AMBIENT TEMPERATURE ( °C) A Fig. 4 Power Derating Curve Note 1 0.0 0.2 0.4 0.6 0.8 1.8 1.6 1.4 1.2 1.0 2.0 0 10 20 40 30 V , REVERSE VOLTAGE (V) R Fig. 3 Typical Capacitance vs. Reverse Voltage f = 1.0MHz |