| Zakładka z wyszukiwarką danych komponentów |
|
AM29DL800BT70SC Arkusz danych(PDF) 45 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM29DL800BT70SC Arkusz danych(HTML) 45 Page - Advanced Micro Devices |
|
45 / 46 page ![]() December 4, 2006 21519C4 Am29DL800B 43 D A TA SH EE T REVISION SUMMARY Revision A (January 1998) Initial release. Revision A+1 (January 1998) Reset Command Deleted last paragraph in section, which applied to RESET#, not the reset command. Revision A+2 (Febrauary 1998) Hardware Reset (RESET#) Added note to table, fixed references to note. Revision A+3 (April 1998) Global Removed references to the 80 ns speed option. Changed the 70R ns (VCC ± 5%) speed option to the 70 ns (VCC ± 10%) speed option. Figure 2, In-System Sector Protect/Unprotect Algorithms In the sector protect algorithm, added a “Reset PLSCNT=1” box in the path from “Protect another sec- tor?” back to setting up the next sector address. DQ6: Toggle Bit I In the first and second paragraphs, clarified that the toggle bit may be read “at any address within the pro- gramming or erasing bank,” not “at any address.” In the fourth paragraph, clarified “device” to “bank.” DC Characteristics Added reference to Note 4 on ICC6 and ICC7 specifications. AC Characteristics Erase/Program Operations; Alternate CE# Controlled Er a s e/ Pr og r a m Ope r ation s : Co rre cted the notes reference for tWHWH1 and tWHWH2. These param- eters are 100% tested. Corrected the note reference for tVCS. This parameter is not 100% tested. Temporary Sector Unprotect Table Added note reference for tVIDR. This parameter is not 100% tested. Figure 24, Sector Protect/Unprotect Timing Diagram A valid address is not required for the first write cycle; only the data 60h. Erase and Programming Performance In Note 2, the worst case endurance is now 1 million cycles. Revision A+4 (August 1998) Ordering Information Corrected description for E and F package type desig- nators to 48-pin TSOP. AC Characteristics Read Operations: Corrected tRC, tACC, tCE for 90 ns speed option. Figure 24, Sector Protection/Unprotection Timing Diagram Changed timing parameters to match those in Figure 2. Revision B (January 1999) Connection Diagrams Changed FBGA drawing to top view. Ordering Information Changed FBGA package reference to FBB048. Added FBGA package markings to valid combinations table. Revision B+1 (February 1999) Physical Dimensions Corrected ball grid layout on FBB048. Revision B+2 (July 2, 1999) Test Conditions Test Specifications table: Corrected to indicate that the 70 ns speed is tested at 30 pF loading. Revision C (December 7, 1999) AC Characteristics—Figure 17. Program Operations Timing and Figure 18. Chip/Sector Erase Operations Deleted tGHWL and changed OE# waveform to start at high. Physical Dimensions Replaced figures with more detailed illustrations. Revision C+1 (November 21, 2000) Global Added table of contents. Ordering Information Deleted burn-in option. |