Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AM29LV400B Arkusz danych(PDF) 13 Page - Advanced Micro Devices

Numer części AM29LV400B
Szczegółowy opis  4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AMD [Advanced Micro Devices]
Strona internetowa  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29LV400B Arkusz danych(HTML) 13 Page - Advanced Micro Devices

Back Button AM29LV400B Datasheet HTML 6Page - Advanced Micro Devices AM29LV400B Datasheet HTML 7Page - Advanced Micro Devices AM29LV400B Datasheet HTML 8Page - Advanced Micro Devices AM29LV400B Datasheet HTML 9Page - Advanced Micro Devices AM29LV400B Datasheet HTML 10Page - Advanced Micro Devices AM29LV400B Datasheet HTML 11Page - Advanced Micro Devices AM29LV400B Datasheet HTML 12Page - Advanced Micro Devices AM29LV400B Datasheet HTML 13Page - Advanced Micro Devices AM29LV400B Datasheet HTML 14Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
Am29LV400B Known Good Die
11
SU PP L E ME NT
REVISION SUMMARY
Revision A (December 10, 1999)
Initial release.
Revision B (December 10, 2001)
Added 60R, 70 speed options. Added test conditions
section.
Revision B+1 (March 12, 2002)
Pad Description
Added table of pad locations relative to die center. Cor-
rected X,Y orientation for pad locations relative to VCC.
Manufacturing Information
Changed test facility to Penang, Malaysia (ACN2016).
Revision C (October 15, 2003)
Pad Description - Pad Locations Relative to Die
Center
Modified Pad Center (mils), Y, #12 to 58.80, and Pad
Center (millimeters), Y, #12 to 1.49.
Am29LV400B Features
Removed last sentence of 2nd paragraph (The device
can also be programmed in standard EPROM pro-
grammers). Removed mention of “pin”.
Trademarks
Updated to 2003.
Trademarks
Copyright © 2003 Advanced Micro Devices, Inc. All rights reserved.
AMD, the AMD logo, and combinations thereof are registered trademarks of Advanced Micro Devices, Inc.
ExpressFlash is a trademark of Advanced Micro Devices, Inc.
Product names used in this publication are for identification purposes only and may be trademarks of their respective companies.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14