| Zakładka z wyszukiwarką danych komponentów |
|
AM29F080B-55SE Arkusz danych(PDF) 12 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM29F080B-55SE Arkusz danych(HTML) 12 Page - Advanced Micro Devices |
|
12 / 39 page ![]() 10 Am29F080B 21503G5 November 1, 2006 D A TA SH EE T Table 1. Am29F080B Sector Address Table Note: All sectors are 64 Kbytes in size. Autoselect Mode The autoselect mode provides manufacturer and de- vice identification, and sector protection verification, through identifier codes output on DQ7–DQ0. This mode is primarily intended for programming equipment to automatically match a device to be programmed with its corresponding programming algorithm. However, the autoselect codes can also be accessed in-system through the command register. When using programming equipment, the autoselect mode requires VID (11.5 V to 12.5 V) on address pin A9. Address pins A6, A1, and A0 must be as shown in Autoselect Codes (High Voltage Method) table. In addi- tion, when verifying sector protection, the sector ad- dress must appear on the appropriate highest order address bits. Refer to the corresponding Sector Ad- dress Tables. The Command Definitions table shows the remaining address bits that are don’t care. When all necessary bits have been set as required, the program- ming equipment may then read the corresponding identifier code on DQ7–DQ0. To access the autoselect codes in-system, the host system can issue the autoselect command via the command register, as shown in the Command Defini- tions table. This method does not require VID. See “Command Definitions” for details on using the autose- lect mode. Table 2. Am29F080B Autoselect Codes (High Voltage Method) Legend: L = Logic Low = VIL, H = Logic High = VIH, SGA = Sector Group Address, X = Don’t care. Note:The system may also autoselect information in-system via the command register. See Table 4. Sector A19 A18 A17 A16 Address Range SA0 0 0 0 0 000000h–00FFFFh SA1 0 0 0 1 010000h–01FFFFh SA2 0 0 1 0 020000h–02FFFFh SA3 0 0 1 1 030000h–03FFFFh SA4 0 1 0 0 040000h–04FFFFh SA5 0 1 0 1 050000h–05FFFFh SA6 0 1 1 0 060000h–06FFFFh SA7 0 1 1 1 070000h–07FFFFh SA8 1 0 0 0 080000h–08FFFFh SA9 1 0 0 1 090000h–09FFFFh SA10 1 0 1 0 0A0000h–0AFFFFh SA11 1 0 1 1 0B0000h–0BFFFFh SA12 1 1 0 0 0C0000h–0CFFFFh SA13 1 1 0 1 0D0000h–0DFFFFh SA14 1 1 1 0 0E0000h–0EFFFFh SA15 1 1 1 1 0F0000h–0FFFFFh Description CE# OE# WE# A19 to A12 A11 to A10 A9 A8 to A7 A6 A5 to A2 A1 A0 DQ7 to DQ0 Manufacturer ID: AMD L L H X X VID X L X L L 01h Device ID: Am29F080B L L H X X VID XLX L H D5h Sector Group Protection Verification LL H SGA X VID XLX H L 01h (protected) 00h (unprotected) |