Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AM29DL16XDB70PCFN Arkusz danych(PDF) 43 Page - Advanced Micro Devices

Numer części AM29DL16XDB70PCFN
Szczegółowy opis  16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AMD [Advanced Micro Devices]
Strona internetowa  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29DL16XDB70PCFN Arkusz danych(HTML) 43 Page - Advanced Micro Devices

Back Button AM29DL16XDB70PCFN Datasheet HTML 39Page - Advanced Micro Devices AM29DL16XDB70PCFN Datasheet HTML 40Page - Advanced Micro Devices AM29DL16XDB70PCFN Datasheet HTML 41Page - Advanced Micro Devices AM29DL16XDB70PCFN Datasheet HTML 42Page - Advanced Micro Devices AM29DL16XDB70PCFN Datasheet HTML 43Page - Advanced Micro Devices AM29DL16XDB70PCFN Datasheet HTML 44Page - Advanced Micro Devices AM29DL16XDB70PCFN Datasheet HTML 45Page - Advanced Micro Devices AM29DL16XDB70PCFN Datasheet HTML 46Page - Advanced Micro Devices AM29DL16XDB70PCFN Datasheet HTML 47Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 57 page
background image
December 1, 2006 21533E5
Am29DL16xD
45
D A TA
SH EET
AC CHARACTERISTICS
OE#
CE#
Addresses
VCC
WE#
Data
2AAh
SA
tAH
tWP
tWC
tAS
tWPH
555h for chip erase
10 for Chip Erase
30h
tDS
tVCS
tCS
tDH
55h
tCH
In
Progress
Complete
tWHWH2
VA
VA
Erase Command Sequence (last two cycles)
Read Status Data
RY/BY#
tRB
tBUSY
Notes:
1. SA = sector address (for Sector Erase), VA = Valid Address for reading status data (see “Write Operation Status”).
2. These waveforms are for the word mode.
Figure 19.
Chip/Sector Erase Operation Timings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57