| Zakładka z wyszukiwarką danych komponentów |
|
AM29PL320DB60RWPI Arkusz danych(PDF) 40 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM29PL320DB60RWPI Arkusz danych(HTML) 40 Page - Advanced Micro Devices |
|
40 / 49 page ![]() 38 Am29PL320D June 13, 2005 AC CHARACTERISTICS Program/Erase Operations Notes: 1. Not 100% tested. 2. See the “Erase and Programming Performance” section for more information. Parameter Description Speed Options Unit JEDEC Std 60R 70R, 70 90 tAVAV tWC Write Cycle Time (Note 1) Min 60 70 90 ns tAVWL tAS Address Setup Time Min 0 ns tWLAX tAH Address Hold Time Min 35 45 45 ns tDVWH tDS Data Setup Time Min 30 35 45 ns tWHDX tDH Data Hold Time Min 0 ns tOES Output Enable Setup Time Min 0 ns tGHWL tGHWL Read Recovery Time Before Write (OE# High to WE# Low) Min 0 ns tELWL tCS CE# Setup Time Min 0 ns tWHEH tCH CE# Hold Time Min 0 ns tWLWH tWP Write Pulse Width Min 35 35 35 ns tWHWL tWPH Write Pulse Width High Min 25 30 30 ns tWHWH1 tWHWH1 Programming Operation (Note 2) Word Typ 14.3 µs Double Word Typ 18.3 tWHWH2 tWHWH2 Sector Erase Operation (Note 2) Typ 5 sec tVCS VCC Setup Time (Note 1) Min 50 µs |