| Zakładka z wyszukiwarką danych komponentów |
|
AM29F010B120DWI1 Arkusz danych(PDF) 7 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM29F010B120DWI1 Arkusz danych(HTML) 7 Page - Advanced Micro Devices |
|
7 / 14 page ![]() Am29F010B Known Good Die 5 SU PP L E ME NT ORDERING INFORMATION Standard Products AMD KGD products are available in several packages and operating ranges. The order number (Valid Combination) is formed by a combination of the following: Valid Combinations Valid Combinations list configurations planned to be sup- ported in volume for this device. Consult the local AMD sales office to confirm availability of specific valid combinations and to check on newly released combinations. Am29F010B -90 DP C 1 DIE REVISION This number refers to the specific AMD manufacturing process and product technology reflected in this document. It is entered in the revision field of AMD standard product nomenclature. TEMPERATURE RANGE C =Commercial (0°C to +70°C) I = Industrial (–40 °C to +85°C) E =Extended (–55 °C to +125°C) PACKAGE TYPE AND MINIMUM ORDER QUANTITY DP =Waffle Pack 400 die per 5 tray stack DG =Gel-Pak® Die Tray 648 die per 6 tray stack DT =Surftape™ (Tape and Reel) 2500 per 7-inch reel DW = Gel-Pak® Wafer Tray (sawn wafer on frame) Call AMD sales office for minimum order quantity SPEED OPTION See Product Selector Guide and Valid Combinations DEVICE NUMBER/DESCRIPTION Am29F010B Known Good Die 1 Megabit (128 K x 8-Bit) CMOS Flash Memory—Die Revision 1 5.0 Volt-only Program and Erase Valid Combinations AM29F010B-90 DPC 1, DPI 1, DPE 1, DGC 1, DGI 1, DGE 1, DTC 1, DTI 1, DTE 1, DWC 1, DWI 1, DWE 1 AM29F010B-120 |