Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AM29PL320DB90WPI Arkusz danych(PDF) 26 Page - Advanced Micro Devices

Numer części AM29PL320DB90WPI
Szczegółowy opis  32 Megabit (2 M x 16-Bit/1 M x 32-Bit) CMOS 3.0 Volt-only High Performance Page Mode Flash Memory
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AMD [Advanced Micro Devices]
Strona internetowa  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29PL320DB90WPI Arkusz danych(HTML) 26 Page - Advanced Micro Devices

Back Button AM29PL320DB90WPI Datasheet HTML 22Page - Advanced Micro Devices AM29PL320DB90WPI Datasheet HTML 23Page - Advanced Micro Devices AM29PL320DB90WPI Datasheet HTML 24Page - Advanced Micro Devices AM29PL320DB90WPI Datasheet HTML 25Page - Advanced Micro Devices AM29PL320DB90WPI Datasheet HTML 26Page - Advanced Micro Devices AM29PL320DB90WPI Datasheet HTML 27Page - Advanced Micro Devices AM29PL320DB90WPI Datasheet HTML 28Page - Advanced Micro Devices AM29PL320DB90WPI Datasheet HTML 29Page - Advanced Micro Devices AM29PL320DB90WPI Datasheet HTML 30Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 49 page
background image
24
Am29PL320D
June 13, 2005
Temporary Sector Unprotect Enable/Dis-
able Command Sequence
The temporary unprotect command sequence is a
four-bus-cycle operation. The sequence is initiated by
writing two unlock write cycles. A third write cycle sets
up the command. The fourth and final write cycle en-
ables or disables the temporary unprotect feature. If
the temporary unprotect feature is enabled, all sectors
are temporarily unprotected. The system may program
or erase data as needed. When the system writes the
temporary unprotect disable command sequence, all
sectors return to their previous protected or unpro-
tected settings. See Table 13 and Figure 4 for more
information.
Notes:
1. All protected sectors are unprotected. If WP# = VIL, the
first or last 64 KByte sector will remain protected.
2. All previously protected sectors are protected once again.
Figure 4.
Temporary Sector Unprotect Algorithm
START
Write Temporary Sector
Unprotect Enable
Command Sequence
Write Temporary Sector
Unprotect Disable
Command Sequence
Perform Erase or
Program Operations
Procedure Complete
(Note 1)
(Note 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49