| Zakładka z wyszukiwarką danych komponentów |
|
AM29DL320GT90WDIN Arkusz danych(PDF) 8 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM29DL320GT90WDIN Arkusz danych(HTML) 8 Page - Advanced Micro Devices |
|
8 / 58 page ![]() 6 Am29DL320G CONNECTION DIAGRAMS Special Package Handling Instructions Special handling is required for Flash Memory products in molded packages (TSOP, BGA, SSOP, PLCC, PDIP). The package and/or data integrity may be compromised if the package body is exposed to temperatures above 150 °C for prolonged periods of time. C2 D2 E2 F2 G2 H2 J2 K2 C3 D3 E3 F3 G3 H3 J3 K3 C4 D4 E4 F4 G4 H4 J4 K4 C5 D5 E5 F5 G5 H5 J5 K5 C6 D6 E6 F6 G6 H6 J6 K6 C7 D7 E7 F7 G7 H7 J7 K7 DQ15/A-1 VSS BYTE# A16 A15 A14 A12 A13 DQ13 DQ6 DQ14 DQ7 A11 A10 A8 A9 VCC DQ4 DQ12 DQ5 A19 NC RESET# WE# DQ11 DQ3 DQ10 DQ2 A20 A18 WP#/ACC RY/BY# DQ9 DQ1 DQ8 DQ0 A5 A6 A17 A7 OE# VSS CE# A0 A1 A2 A4 A3 48-Ball Fine-pitch BGA (6 x 12 mm) Top View, Balls Facing Down B3 C3 D3 E3 F3 G3 H3 B4 C4 D4 E4 F4 G4 H4 B5 C5 D5 E5 F5 G5 H5 B6 C6 D6 E6 F6 G6 H6 B7 C7 D7 E7 F7 G7 H7 B8 C8 D8 E8 F8 G8 H8 RFU RFU RFU VSS VIO RFU RFU VSS DQ15 BYTE# A16 A15 A14 A12 DQ6 DQ13 DQ14 DQ7 A11 A10 A8 DQ4 VCC DQ12 DQ5 A19 A21 RESET# DQ3 DQ11 DQ10 DQ2 A20 A18 WP#/ACC DQ1 DQ9 DQ8 DQ0 A5 A6 A17 A3 A4 A5 A6 A7 A8 RFU A13 A9 WE# RY/BY# A7 B2 C2 D2 E2 F2 G2 H2 VSS OE# CE# A0 A1 A2 A4 A2 A3 B1 C1 D1 E1 F1 G1 H1 RFU RFU VIO RFU RFU RFU RFU A1 RFU 64-Ball Fortified BGA (11 x 13 mm) Top View, Balls Facing Down |