Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

M410000077 Arkusz danych(PDF) 53 Page - Advanced Micro Devices

Numer części M410000077
Szczegółowy opis  32 Megabit (2 M x 16-Bit) CMOS 1.8 Volt-only, Simultaneous Operation, Page Mode Flash Memory and 4 Mbit (512 K x 8-Bit/256 K x 16-Bit) Static RAM
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AMD [Advanced Micro Devices]
Strona internetowa  http://www.amd.com
Logo AMD - Advanced Micro Devices

M410000077 Arkusz danych(HTML) 53 Page - Advanced Micro Devices

Back Button M410000077 Datasheet HTML 49Page - Advanced Micro Devices M410000077 Datasheet HTML 50Page - Advanced Micro Devices M410000077 Datasheet HTML 51Page - Advanced Micro Devices M410000077 Datasheet HTML 52Page - Advanced Micro Devices M410000077 Datasheet HTML 53Page - Advanced Micro Devices M410000077 Datasheet HTML 54Page - Advanced Micro Devices M410000077 Datasheet HTML 55Page - Advanced Micro Devices M410000077 Datasheet HTML 56Page - Advanced Micro Devices M410000077 Datasheet HTML 57Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 59 page
background image
52
Am41PDS3224D
May 13, 2002
P R E L IMINARY
SRAM AC CHARACTERISTICS
Write Cycle
Notes:
1. WE# controlled, if CIOs is low, ignore UB#s and LB#s timing.
2. t
CW is measured from CE1#s going low to the end of write.
3. tWR is measured from the end of write to the address change. tWR applied in case a write ends as CE1#s or WE# going high.
4. tAS is measured from the address valid to the beginning of write.
5. A write occurs during the overlap (t
WP) of low CE#1 and low WE#. A write begins when CE1#s goes low and WE# goes low when
asserting UB#s or LB#s for a single byte operation or simultaneously asserting UB#s and LB#s for a double byte operation. A
write ends at the earliest transition when CE1#s goes high and WE# goes high. The tWP is measured from the beginning of write
to the end of write.
Figure 30.
SRAM Write Cycle—WE# Control
Parameter
Symbol
Description
10, 11
Unit
tWC
Write Cycle Time
Min
70
ns
t
Cw
Chip Enable to End of Write
Min
60
ns
tAS
Address Setup Time
Min
0
ns
t
AW
Address Valid to End of Write
Min
60
ns
tBW
UB#s, LB#s to End of Write
Min
60
ns
t
WP
Write Pulse Time
Min
50
ns
tWR
Write Recovery Time
Min
0
ns
tWHZ
Write to Output High-Z
Min
0
ns
Max
20
t
DW
Data to Write Time Overlap
Min
30
ns
tDH
Data Hold from Write Time
Min
0
ns
t
OW
End Write to Output Low-Z
min
5
ns
Address
CS1#s
Data Undefined
UB#s, LB#s
WE#
Data In
Data Out
tWC
tCW
(See Note 2)
tAW
High-Z
High-Z
Data Valid
CS2s
tCW
(See Note 2)
tBW
tWP
(See Note 5)
tAS
(See Note 4)
tWR (See Note 3)
tWHZ
tDW
tDH
tOW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59