| Zakładka z wyszukiwarką danych komponentów |
|
AM29DL320GB40WMF Arkusz danych(PDF) 20 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM29DL320GB40WMF Arkusz danych(HTML) 20 Page - Advanced Micro Devices |
|
20 / 58 page ![]() 18 Am29DL320G The alternate method intended only for programming equipment requires V ID on address pin A9 and OE#. This method is compatible with programmer routines written for earlier 3.0 volt-only AMD flash devices. Publication number 22244 contains further details; contact an AMD representative to request a copy. The device is shipped with all sectors unprotected. AMD offers the option of programming and protecting sectors at its factory prior to shipping the device through AMD’s ExpressFlash™ Service. Contact an AMD representative for details. It is possible to determine whether a sector is pro- tected or unprotected. See the Autoselect Mode sec- tion for details. Write Protect (WP#) The Write Protect function provides a hardware method of protecting certain boot sectors without using VID. This function is one of two provided by the WP#/ACC pin. If the system asserts VIL on the WP#/ACC pin, the de- vice disables program and erase functions in the two “outermost” 8 Kbyte boot sectors independently of whether those sectors were protected or unprotected using the method described in “Sector/Sector Block Protection and Unprotection”. The two outermost 8 Kbyte boot sectors are the two sectors containing the lowest addresses in a bottom-boot-configured device, or the two sectors containing the highest addresses in a top-boot-configured device. If the system asserts VIH on the WP#/ACC pin, the de- vice reverts to whether the two outermost 8K Byte boot sectors were last set to be protected or unpro- tected. That is, sector protection or unprotection for these two sectors depends on whether they were last protected or unprotected using the method described in “Sector/Sector Block Protection and Unprotection”. Note that the WP#/ACC pin must not be left floating or unconnected; inconsistent behavior of the device may result. Temporary Sector Unprotect (Note: For the following discussion, the term “sector” applies to both sectors and sector blocks. A sector block consists of two or more adjacent sectors that are protected or unprotected at the same time (Tables 2 and 4). This feature allows temporary unprotection of previ- ously protected sectors to change data in-system. The Sector Unprotect mode is activated by setting the RE- SET# pin to V ID. During this mode, formerly protected sectors can be programmed or erased by selecting the sector addresses. Once V ID is removed from the RE- SET# pin, all the previously protected sectors are protected again. Figure 1 shows the algorithm, and Figure 25 shows the timing diagrams, for this feature. Figure 1. Temporary Sector Unprotect Operation START Perform Erase or Program Operations RESET# = V IH Temporary Sector Unprotect Completed (Note 2) RESET# = V ID (Note 1) Notes: 1. All protected sectors unprotected (If WP#/ACC = V IL, outermost boot sectors will remain protected). 2. All previously protected sectors are protected once again. |