Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SN74LVC1G32 Arkusz danych(PDF) 5 Page - Guangdong Youtai Semiconductor Co., Ltd.

Numer części SN74LVC1G32
Szczegółowy opis  Tiny SC70-5 /SOT23-5 Packages
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Strona internetowa  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.

SN74LVC1G32 Arkusz danych(HTML) 5 Page - Guangdong Youtai Semiconductor Co., Ltd.

  SN74LVC1G32 Datasheet HTML 1Page - Guangdong Youtai Semiconductor Co., Ltd. SN74LVC1G32 Datasheet HTML 2Page - Guangdong Youtai Semiconductor Co., Ltd. SN74LVC1G32 Datasheet HTML 3Page - Guangdong Youtai Semiconductor Co., Ltd. SN74LVC1G32 Datasheet HTML 4Page - Guangdong Youtai Semiconductor Co., Ltd. SN74LVC1G32 Datasheet HTML 5Page - Guangdong Youtai Semiconductor Co., Ltd. SN74LVC1G32 Datasheet HTML 6Page - Guangdong Youtai Semiconductor Co., Ltd. SN74LVC1G32 Datasheet HTML 7Page - Guangdong Youtai Semiconductor Co., Ltd. SN74LVC1G32 Datasheet HTML 8Page - Guangdong Youtai Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
AC ELECTRICAL CHARACTERISTICS
tr=tf= 3ns;
Symbol
Parameter
Condition
VCC(V)
TA = 25 ℃
−40℃
≤TA≤85℃
Unit
Min
Typ
Max
Min
Max
tPD
Propagation Delay
(Figure3and4)
RL= 1MΩ CL= 15 pF
1.65
2.0
10.1
12.9
2.0
13.9
ns
1.8
2.0
9.1
11.6
2.0
12.4
RL= 1MΩ CL= 15 pF
2.5
0.2
6.0
7.7
0.8
8.2
RL= 1MΩ CL= 15 pF
3.3
0.8
5.0
6.5
0.5
7.0
RL= 500Ω CL=50 pF
1.2
5.6
7.1
1.5
7.6
RL= 1MΩ CL= 15 pF
5.0
0.5
4.4
5.6
0.5
6.1
RL= 500Ω CL=50 pF
0.8
4.8
6.1
0.8
6.6
CAPACITIVE CHARACTERISTICS
Symbol
Parameter
Condition
Typical
Unit
CIN
Input Capacitance
VCC= 5.5 V,VI = 0 V or VCC
>2.5
pF
CPD
Power Dissipation Capacitance
(Note 6)
10MHz,VCC = 3.3 V,VI = 0 V orVCC
10MHz, VCC = 5.5 V,VI = 0 V orVCC
21
21
pF
6. CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating current
consumption without load. Average operating current can be obtained by the equation:
ICC(OPR)=CPD*V CC*fin+I CC*CPD is used to determine the no−load dynamic power consumption;
PD=CPD*V CC2*fin+I CC*V CC*Fig.
Figure 4. Test Circuit
PROPAGATION DELAYS
tR = tF = 3ns, 10% to 90%;
f = 1 MHz; tW = 500 ns
UMW R
SN74LVC1G32
www.umw-ic.com
5
UTD Semiconductor Co.,Limited



Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com