| Zakładka z wyszukiwarką danych komponentów |
|
ADA3200DEP3AP Arkusz danych(PDF) 11 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
ADA3200DEP3AP Arkusz danych(HTML) 11 Page - Advanced Micro Devices |
|
11 / 95 page ![]() PID: 30430 Rev 3.51 March 2006 AMD Athlon™ 64 Processor Power and Thermal Data Sheet 11 AMD Athlon™ 64 Processor 1.2 AMD Athlon™ 64 Processor BIOS Specifications Table 9 contains the power and thermal related BIOS specifications for this processor family. Each column in the BIOS specification tables represents a specific Ordering Part Number (OPN). Section 1.1 provides an example of the OPN structure for this processor family. Table 9: AMD Athlon™ 64 Processor BIOS Specifications The notes for this table appear on page 29. Parameter/OPN Notes Model Number CPUID 8000_0001h EBX [11:6] (BrandID) 1 CPUID 8000_0001h EAX [31:0] (CPUID) 1 FID/VID Status MaxVID Field 2 FID/VID Status MaxFID Field 2 FID/VID Status StartVID Field 2 FID/VID Status StartFID Field 2 L2 Cache Size Max HyperTransport™ Frequency Max P-State VID Code VID_VDD 3 Thermal Design Power 4 Intermediate P-State #1 5 VID Code / VID_VDD 3 Thermal Design Power 4 Intermediate P-State #2 5 VID Code / VID_VDD 3 Thermal Design Power 4 Intermediate P-State #3 5 VID Code / VID_VDD 3 Thermal Design Power 4 Intermediate P-State #4 5 VID Code / VID_VDD 3 Thermal Design Power 4 Intermediate P-State #5 5 VID Code / VID_VDD 3 Thermal Design Power 4 Intermediate P-State #6 5 VID Code / VID_VDD 3 Thermal Design Power 4 Min P-State VID Code / VID_VDD 3 Thermal Design Power 4 N/A N/A N/A N/A 89.0 W N/A N/A 35.0 W 35.0 W 35.0 W 0Ah 1.300 V 800 MHz 800 MHz 800 MHz 0Ah 1.300 V 0Ah 1.300 V N/A N/A N/A N/A N/A N/A N/A N/A N/A 06h 1.400 V N/A 0Ch 0Ch 89.0 W 89.0 W 800 MHz 00h 02h 00h 0Ch 0Ch 02h 00h 02h 1800 MHz 06h 800 MHz 1.400 V 0Ah 2000 MHz 2000 MHz 0Ah 512 KB 512 KB 1 MB 800 MHz 00000F48h 00000F48h 00000F48h 04h 04h 2800+ 04h 3000+ 3200+ ADA2800AEP4AP ADA3000AEP4AP ADA3200AEP5AP 66.0 W 1800 MHz 1800 MHz 66.0 W 1.500 V 02h 1.500 V 02h 1.500 V 02h |