Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM10 Arkusz danych(PDF) 21 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Numer części LM10
Szczegółowy opis  Operational Amplifier and Voltage Reference
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NSC [National Semiconductor (TI)]
Strona internetowa  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM10 Arkusz danych(HTML) 21 Page - National Semiconductor (TI)

Back Button LM10 Datasheet HTML 17Page - National Semiconductor (TI) LM10 Datasheet HTML 18Page - National Semiconductor (TI) LM10 Datasheet HTML 19Page - National Semiconductor (TI) LM10 Datasheet HTML 20Page - National Semiconductor (TI) LM10 Datasheet HTML 21Page - National Semiconductor (TI) LM10 Datasheet HTML 22Page - National Semiconductor (TI) LM10 Datasheet HTML 23Page - National Semiconductor (TI) LM10 Datasheet HTML 24Page - National Semiconductor (TI) LM10 Datasheet HTML 25Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
Typical Applications (Note 10) (Pin numbers are for devices in 8-pin packages) (Continued)
Light-level Controller
00565283
Note 10: Circuit descriptions available in application note AN-211.
Application Hints
With heavy amplifier loading to V
−, resistance drops in the
V
− lead can adversely affect reference regulation. Lead re-
sistance can approach 1
Ω. Therefore, the common to the
reference circuitry should be connected as close as possible
to the package.
www.national.com
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25