Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

M49000000S Arkusz danych(PDF) 62 Page - Advanced Micro Devices

Numer części M49000000S
Szczegółowy opis  32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 32 Mbit (2M x 16-Bit)
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AMD [Advanced Micro Devices]
Strona internetowa  http://www.amd.com
Logo AMD - Advanced Micro Devices

M49000000S Arkusz danych(HTML) 62 Page - Advanced Micro Devices

Back Button M49000000S Datasheet HTML 56Page - Advanced Micro Devices M49000000S Datasheet HTML 57Page - Advanced Micro Devices M49000000S Datasheet HTML 58Page - Advanced Micro Devices M49000000S Datasheet HTML 59Page - Advanced Micro Devices M49000000S Datasheet HTML 60Page - Advanced Micro Devices M49000000S Datasheet HTML 61Page - Advanced Micro Devices M49000000S Datasheet HTML 62Page - Advanced Micro Devices M49000000S Datasheet HTML 63Page - Advanced Micro Devices M49000000S Datasheet HTML 64Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 62 / 64 page
background image
July 19, 2002
Am49DL32xBG
61
P R E L I M I NARY
pSRAM ADDRESS SKEW
Figure 35.
Read Address Skew
Note: If multiple invalid address cycles shorter than t
RC min occur for a period greater than 10 µs, at least one valid address
cycle over t
RC min is required during that period.
Figure 36.
Write Address Skew
Note: If multiple invalid address cycles shorter than t
WC min occur for a period greater than 10 µs, at least one valid address
cycle over t
WC min, in addition to tWP min, is required during that period.
CE#1
WE#
Address
tRC min
over 10
µs
CE#1
WE#
Address
tWP min
tWC min
over 10
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64