Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AM29SL800DB100WCD Arkusz danych(PDF) 6 Page - Advanced Micro Devices

Numer części AM29SL800DB100WCD
Szczegółowy opis  8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AMD [Advanced Micro Devices]
Strona internetowa  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29SL800DB100WCD Arkusz danych(HTML) 6 Page - Advanced Micro Devices

Back Button AM29SL800DB100WCD Datasheet HTML 2Page - Advanced Micro Devices AM29SL800DB100WCD Datasheet HTML 3Page - Advanced Micro Devices AM29SL800DB100WCD Datasheet HTML 4Page - Advanced Micro Devices AM29SL800DB100WCD Datasheet HTML 5Page - Advanced Micro Devices AM29SL800DB100WCD Datasheet HTML 6Page - Advanced Micro Devices AM29SL800DB100WCD Datasheet HTML 7Page - Advanced Micro Devices AM29SL800DB100WCD Datasheet HTML 8Page - Advanced Micro Devices AM29SL800DB100WCD Datasheet HTML 9Page - Advanced Micro Devices AM29SL800DB100WCD Datasheet HTML 10Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 46 page
background image
D A TA
SH EE T
4
Am29SL800D
27546A6 January 23, 2007
PRODUCT SELECTOR GUIDE
Notes:
1.
See “AC Characteristics” for full specifications.
2.
VCC min. = 1.7 V
BLOCK DIAGRAM
Family Part Number
Am29SL800D
Speed Options
90
(Note 2)
100
120
150
Max access time, ns (tACC)90 (Note 2)
100
120
150
Max CE# access time, ns (tCE)90 (Note 2)
100
120
150
Max OE# access time, ns (tOE)
30
355065
Input/Output
Buffers
X-Decoder
Y-Decoder
Chip Enable
Output Enable
Logic
Erase Voltage
Generator
PGM Voltage
Generator
Timer
VCC Detector
State
Control
Command
Register
VCC
VSS
WE#
BYTE#
CE#
OE#
STB
STB
DQ0–DQ15 (A-1)
Sector Switches
RY/BY#
RESET#
Data
Latch
Y-Gating
Cell Matrix
A0–A18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46