| Zakładka z wyszukiwarką danych komponentów |
|
ADA3200AIP3AX Arkusz danych(PDF) 20 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
ADA3200AIP3AX Arkusz danych(HTML) 20 Page - Advanced Micro Devices |
|
20 / 95 page ![]() PID: 30430 Rev 3.51 March 2006 AMD Athlon™ 64 Processor Power and Thermal Data Sheet 20 AMD Athlon™ 64 Processor The notes for this table appear on page 29 Parameter/OPN Notes Model Number CPUID 8000_0001h EBX [11:6] (BrandID) 1 CPUID 8000_0001h EAX [31:0] (CPUID) 1 FID/VID Status MaxFID Field 2 FID/VID Status StartFID Field 2 L2 Cache Size Max HyperTransport™ Frequency Max P-State FID/VID Status MaxVID Field 2, 6 FID/VID Status StartVID Field 2, 6 VID Code VID_VDD 3 Thermal Design Power 4 Intermediate P-State #1 5 VID Code / VID_VDD 3 Thermal Design Power 4 Intermediate P-State #2 5 VID Code / VID_VDD 3 Thermal Design Power 4 Intermediate P-State #3 5 VID Code / VID_VDD 3 Thermal Design Power 4 Intermediate P-State #4 5 VID Code / VID_VDD 3 Thermal Design Power 4 Intermediate P-State #5 5 VID Code / VID_VDD 3 Thermal Design Power 4 Intermediate P-State #6 5 VID Code / VID_VDD 3 Thermal Design Power 4 Min P-State VID Code / VID_VDD 3 Thermal Design Power 4 2200 MHz 2000 MHz 0Ch 83.0 W 1.300 V 1.250 V 83.0 W 0Ah 1.350 V 85.3 W ADA3500DAA4BN ADA3700DAA5BN ADA4000DAA5BN 3500+ 04h 3700+ 4000+ 04h 04h 00020F71h 00020F71h 00020F71h 0Eh 2200 MHz 2400 MHz 0Eh 512 KB 1 MB 1 MB 1000 Mhz 2200 MHz 08h 1.300 V 0Eh 10h 06h 04h 1000 Mhz 0Eh 10h 85.3 W 1000 Mhz 06h 04h 08h 06h 08h 06h 1.350 V 08h 1.350 V 54.8 W N/A 0Ah 59.6 W N/A N/A N/A N/A N/A N/A 1800 MHz 1800 MHz 2000 MHz 0Ah 1000 MHz 1000 MHz 1000 MHz 12h 1.100 V 12h 1.100 V 35.0 W 12h 1.100 V 27.5 W 36.1 W 70.4 W 70.6 W N/A 1800 MHz 67.0 W 08h 1.350 V 64.7 W 1.300 V N/A 2000 MHz N/A N/A 06h 04h 08h 06h 08h 06h 1.350 V 1.400 V 1.400 V 06h 1.350 V 1.400 V 08h 08h 06h |