Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AM29BDD160GT28DPBK Arkusz danych(PDF) 67 Page - Advanced Micro Devices

Numer części AM29BDD160GT28DPBK
Szczegółowy opis  16 Megabit (1 M x 16-bit/512 K x 32-Bit), CMOS 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/Write Flash Memory
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AMD [Advanced Micro Devices]
Strona internetowa  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29BDD160GT28DPBK Arkusz danych(HTML) 67 Page - Advanced Micro Devices

Back Button AM29BDD160GT28DPBK Datasheet HTML 63Page - Advanced Micro Devices AM29BDD160GT28DPBK Datasheet HTML 64Page - Advanced Micro Devices AM29BDD160GT28DPBK Datasheet HTML 65Page - Advanced Micro Devices AM29BDD160GT28DPBK Datasheet HTML 66Page - Advanced Micro Devices AM29BDD160GT28DPBK Datasheet HTML 67Page - Advanced Micro Devices AM29BDD160GT28DPBK Datasheet HTML 68Page - Advanced Micro Devices AM29BDD160GT28DPBK Datasheet HTML 69Page - Advanced Micro Devices AM29BDD160GT28DPBK Datasheet HTML 70Page - Advanced Micro Devices AM29BDD160GT28DPBK Datasheet HTML 71Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 79 page
background image
June 7, 2006
Am29BDD160G
65
AC CHARACTERISTICS
Note: PA = program address, PD = program data, D
OUT is the true data at the program address.
Figure 21.
Program Operation Timings
OE#
WE#
CE#
VCC
Data
Addresses
tDS
tAH
tDH
tWP
PD
tWHWH1
tWC
tAS
tWPH
tVCS
555h
PA
PA
Read Status Data (last two cycles)
A0h
tCS
Status
DOUT
Program Command Sequence (last two cycles)
RY/BY#
tRB
tBUSY
tCH
PA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79