| Zakładka z wyszukiwarką danych komponentów |
|
RMS2W Arkusz danych(PDF) 2 Page - RFE international |
|
|
|||||||||||||||||||||||||||||
RMS2W Arkusz danych(HTML) 2 Page - RFE international |
|
2 / 4 page ![]() PERORMANCE CHARACTERISTICS Page 2 of 4 Power Derating Curve Power rating or current rating is in the case based on continuous full-load at ambient temperature of 70ºC. For operation at ambient temperature in excess of 70ºC, the load should be derated in accordance with figure of derating Curve. Voltage Rating or Current Rating Operation and Storage Temperature Operation temperature MIN MAX Storage temperature Storage humidity -55ºC 20ºC 30% 30ºC 70ºC 70ºC Soldering Profile 100 80 60 40 20 0 1 1 1 -55 0 20 40 60 70 80 100 120 140 160 155°C Operating Temperature Range -55°C to +155°C Ambient Temperature (°) Resistance Range: >1Ω Rated Voltage: The resistor shall have a DC continuous working voltage or a RMS AC continuous working voltage at commercial-line frequency and wave form corresponding to the power rating, as determined formula as follows: E = Rated Voltage (V) P = Power Rating (W) R = Nominal Resistance (Ω) E = √P x R 250 200 150 100 50 1 1 1 1 Peak: 250 ºC +5 0 230ºC or Higher Pre Heating Zone 180ºC 150ºC 90 ± 30 s 30 ± 10 s Soldering Zone Heating Time SMD RESISTOR ** ANTI-SULFUR RMS Series: Thick Film 1~10M Ω RoHS C2BB03 2012.12.20 RFE International • Tel:(949) 833-1988 • Fax:(949) 833-1788 • E-Mail Sales@rfeinc.com |