Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

R200AXBE Arkusz danych(PDF) 2 Page - Marathon Special Products

Numer części R200AXBE
Szczegółowy opis  250 Volts AC/DC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MARATHON [Marathon Special Products]
Strona internetowa  https://www.marathonsp.com/index.php
Logo MARATHON - Marathon Special Products

R200AXBE Arkusz danych(HTML) 2 Page - Marathon Special Products

  R200AXBE Datasheet HTML 1Page - Marathon Special Products R200AXBE Datasheet HTML 2Page - Marathon Special Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.marathonsp.com
2
REV-F 03/12/2020
Product Data Sheet
Line/Load Side
Wire Size
(CU Stranded)
Torque
Wires/
Terminal
Wire Class (UL)1
250kcmil - #6
37.1 N.m
(275 in. lbs)
1
B, C
Termination Specifications
• Wire strip length – 1 5/16”
• Hex key required 5/16”
• Panel mountable: 5/16” (M8) fastener, mounting torque determined in end-use
application. Not to exceed 30 in. lbs. (3.4 N-m)
Aluminum Stranded Wire Range: 250kcmil - #6 AWG
Drawing



Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com