Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

P83CE558EFB/YYY Arkusz danych(PDF) 2 Page - NXP Semiconductors

Numer części P83CE558EFB/YYY
Szczegółowy opis  Single-chip 8-bit microcontroller
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P83CE558EFB/YYY Arkusz danych(HTML) 2 Page - NXP Semiconductors

  P83CE558EFB/YYY Datasheet HTML 1Page - NXP Semiconductors P83CE558EFB/YYY Datasheet HTML 2Page - NXP Semiconductors P83CE558EFB/YYY Datasheet HTML 3Page - NXP Semiconductors P83CE558EFB/YYY Datasheet HTML 4Page - NXP Semiconductors P83CE558EFB/YYY Datasheet HTML 5Page - NXP Semiconductors P83CE558EFB/YYY Datasheet HTML 6Page - NXP Semiconductors P83CE558EFB/YYY Datasheet HTML 7Page - NXP Semiconductors P83CE558EFB/YYY Datasheet HTML 8Page - NXP Semiconductors P83CE558EFB/YYY Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 72 page
background image
Philips Semiconductors
Preliminary specification
P83CE558/P80CE558/P89CE558
Single-chip 8-bit microcontroller
2
1996 Aug 06
1.
FEATURES
• 80C51 central processing unit
• 32 K × 8 ROM respectively FEEPROM (Flash-EEPROM),
expandable externally to 64 Kbytes
• ROM/FEEPROM Code protection
• 1024 × 8 RAM, expandable externally to 64 Kbytes
• Two standard 16-bit timer/counters
• An additional 16-bit timer/counter coupled to four capture
registers and three compare registers
• A 10-bit ADC with eight multiplexed analog inputs and
programmable autoscan
• Two 8-bit resolution, pulse width modulation outputs
• Five 8-bit I/O ports plus one 8-bit input port shared with analog
inputs
• I2C-bus serial I/O port with byte oriented master and slave
functions
• Full-duplex UART compatible with the standard 80C51
• On-chip watchdog timer
• 15 interrupt sources with 2 priority levels (2 to 6 external sources
possible)
• Extended temperature range (–40 to +85°C)
• 4.5 to 5.5 V supply voltage range
• Frequency range for 80C51-family standard oscillator:
3.5 MHz to 16 MHz
• PLL oscillator with 32 kHz reference and software-selectable
system clock frequency
• Seconds Timer
• Software enable/disable of ALE output pulse
• Electromagnetic compatibility improvements
• Wake-up from Power-down by external or seconds interrupt
2.
GENERAL DESCRIPTION
The P80CE558/P83CE558/P89CE558 (hereafter generically
referred to as P8xCE558) single-chip 8-bit microcontroller is
manufactured in an advanced CMOS process and is a derivative of
the 80C51 microcontroller family. The P8xCE558 has the same
instruction set as the 80C51. Three versions of the derivative exist:
• P83CE558 — 32 Kbytes mask programmable ROM
• P80CE558 — ROMless version of the P83CE558
• P89CE558 — 32 Kbytes FEEPROM (Flash-EEPROM)
The P8xCE558 contains a non-volatile 32 Kbytes mask
programmable ROM (P83CE558) or electrically erasable FEEPROM
respectively (P89CE558), a volatile 1024
× 8 read/write data
memory, five 8-bit I/O ports, one 8-bit input port, two 16-bit
timer/event counters (identical to the timers of the 80C51), an
additional 16-bit timer coupled to capture and compare latches, a
15-source, two-priority-level, nested interrupt structure, an 8-input
ADC, a dual DAC pulse width modulated interface, two serial
interfaces (UART and I2C-bus), a “watchdog” timer, an on-chip
oscillator and timing circuits. For systems that require extra
capability the P8xCE558 can be expanded using standard TTL
compatible memories and logic.
In addition, the P8xCE558 has two software selectable modes of
power reduction — Idle Mode and power-down mode. The Idle
Mode freezes the CPU while allowing the RAM, timers, serial ports,
and interrupt system to continue functioning. The power-down mode
saves the RAM contents but freezes the oscillator, causing all other
chip functions to be inoperative.
The device also functions as an arithmetic processor having
facilities for both binary and BCD arithmetic as well as bit-handling
capabilities. The instruction set consists of over 100 instructions: 49
one-byte, 45 two-byte, and 17 three- byte. With a 16 MHz system
clock, 58% of the instructions are executed in 0.75
µs and 40% in
1.5
µs. Multiply and divide instructions require 3 µs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com