Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PCA8514 Arkusz danych(PDF) 56 Page - NXP Semiconductors

Numer części PCA8514
Szczegółowy opis  Stand-alone OSD
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA8514 Arkusz danych(HTML) 56 Page - NXP Semiconductors

Back Button PCA8514 Datasheet HTML 52Page - NXP Semiconductors PCA8514 Datasheet HTML 53Page - NXP Semiconductors PCA8514 Datasheet HTML 54Page - NXP Semiconductors PCA8514 Datasheet HTML 55Page - NXP Semiconductors PCA8514 Datasheet HTML 56Page - NXP Semiconductors PCA8514 Datasheet HTML 57Page - NXP Semiconductors PCA8514 Datasheet HTML 58Page - NXP Semiconductors PCA8514 Datasheet HTML 59Page - NXP Semiconductors PCA8514 Datasheet HTML 60Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 64 page
background image
1995 Nov 27
56
Philips Semiconductors
Product specification
Stand-alone OSD
PCA8514
14 DEFAULT VALUES AFTER POWER-ON-RESET
The default values of registers after a Power-on-reset are specified in Table 48. All other settings must be initialized by
the user after a Power-on-reset.
Table 48 Default values
REGISTER
BIT
STATE AFTER
RESET
DESCRIPTION
User directly controllable registers
Control Register 1
M1
0
Scanning mode selection bits. Conventional
NTSC 525LPF/60 Hz and/or PAL 625LPF/50 Hz selected.
M0
0
Bp
1
Polarity control bit; the output polarities of FB, ACM, R, G, B and
I are active HIGH.
EN
0
OSD enable/disable control bit; the OSD is disabled.
Control Register 2
Hp
0
HSYNC input polarity control bit; the input polarity is active LOW.
Vp
0
VSYNC input polarity control bit; the input polarity is active LOW.
S1
0
Display mode selection bits; the North-West shadowing mode is
selected.
S0
1
Control Register 3
BF1
0
Blinking frequency control bits. The blinking frequency is set to
fVSYNC/16 Hz.
BF0
0
BR1
0
Active ratio of blinking frequency control bits. The active ratio is
set to 3 : 1.
BR0
0
Control Register 4
A/P
0
Port control bit. Pin 2 (P04/ACM/VOB2) is selected as an output
port pin.
Control Register 5
R
0
Background colour selection bits in Frame shadowing mode; the
default colour is Blue.
G0
B1
I0
BS1
0
Command Bank selection bits. Command Bank 00 is selected.
BS0
0
User indirectly controllable registers
ACM
ACM
0
The ACM output is LOW unless changed by the Space Code.
Background colour
B
1
The Background colour selected is Blue unless changed by the
Space Code.
R0
G0
I0
Character size
T4
0
The default character size is 1V/1H. A different value can be
selected by using the Carriage Return Code.
T3
0
End of display
T0
0
Will continue to display next character (if the OSD clock is
enabled).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com