| Zakładka z wyszukiwarką danych komponentów |
|
AD9898 Arkusz danych(PDF) 13 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9898 Arkusz danych(HTML) 13 Page - Analog Devices |
|
13 / 52 page ![]() REV. 0 AD9898 –13– Table II. System Register Address Map (Addr 0x14) (continued) Bit Default Register Content Width (Decimal) Register Name Register Description Sys_Reg(9) (31:23) 9 89 VTPLEN3 Vertical Sequence No. 3: Length between Repetitions 22 1 0 V1STARTPOL3 Vertical Sequence No. 3: V1 Start Polarity 21 1 0 V2STARTPOL3 Vertical Sequence No. 3: V2 Start Polarity 20 1 1 V3STARTPOL3 Vertical Sequence No. 3: V3 Start Polarity 19 1 1 V4STARTPOL3 Vertical Sequence No. 3: V4 Start Polarity (18:10) 9 0 V1TOG1POS3 Vertical Sequence No. 3: V1 Toggle Position 1 (9:1) 9 60 V1TOG2POS3 Vertical Sequence No. 3: V1 Toggle Position 2 01 V2TOG1POS3 [8] Sys_Reg(10) (31:24) 8 30 V2TOG1POS3 [7:0] Vertical Sequence No. 3: V2 Toggle Position 1 (23:15) 9 90 V2TOG2POS3 Vertical Sequence No. 3: V2 Toggle Position 2 (14:6) 9 0 V3TOG1POS3 Vertical Sequence No. 3: V3 Toggle Position 1 (5:0) 6 V3TOG2POS3 [8:3] Sys_Reg(11) (31:29) 3 60 V3TOG2POS3 [2:0] Vertical Sequence No. 3: V3 Toggle Position 2 (28:20) 9 30 V4TOG1POS3 Vertical Sequence No. 3: V4 Toggle Position 1 (19:11) 9 90 V4TOG2POS3 Vertical Sequence No. 3: V4 Toggle Position 2 (10:1) 10 0 HBLKHPOS H1 Pulse ON Position during Blanking Period 01 Unused Sys_Reg(12) (31:20) 12 2283 HDLEN * 12-Bit Gray Code HD Counter Value (Gray Code Number) (19:10) 10 130 HLEN 10-Bit HL Counter Value (9:1) 9 100 OLEN 9-Bit OL Counter Value 01 BLLEN [8] Sys_Reg(13) (31:24) 8 0 BLLEN[7:0] 9-Bit BL Counter Value (23:16) 8 118 MSHUTLEN MSHUT Sequence Length (15:5) 11 1048 VSGTOG1_0 VSG Sequence No. 1 Toggle Position 1 (4:0) 5 VSGTOG1_1 [10:6] Sys_Reg(14) (31:26) 6 1198 VSGTOG1_1 [5:0] VSG Sequence No. 2 Toggle Position 1 (25:18) 8 60 VSGLEN VSG Pulsewidth (17:9) 9 19 SUBCK1TOG1 SUBCK1 First Toggle Position (8:0) 9 88 SUBCK1TOG2 SUBCK1 Second Toggle Position Sys_Reg(15) (31:23) 9 19 SUBCK2TOG1 SUBCK2 First Toggle Position (22:14:) 9 88 SUBCK2TOG2 SUBCK2 Second Toggle Position (13:2) 12 2243 CLPTOG1 * CLPOB Toggle Position No. 1 (1:0) 2 CLPTOG2 [11] * Sys_Reg(16) (31:22) 10 2278 CLPTOG2 [10:0] * CLPOB Toggle Position No. 2 (21:18) 4 9 VDRISE VD Toggle Position No. 1 (17:8) 10 120 HDRISE HD Toggle Position No. 2 (7:0) 8 Unused *Register value must be a gray code number. (See Gray Code Registers section.) |