| Zakładka z wyszukiwarką danych komponentów |
|
PCD3349AT Arkusz danych(PDF) 4 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCD3349AT Arkusz danych(HTML) 4 Page - NXP Semiconductors |
|
4 / 20 page ![]() This text is here in white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here in _white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here inThis text is here in white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader. white to force landscape pages to be ... OSCILLATOR MBG098 PORT 0 FLIP-FLOP PORT 0 BUFFER 88 HIGHER PROGRAM COUNTER LOWER PROGRAM COUNTER PROGRAM STATUS WORD MEMORY BANK FLIP-FLOPS RESIDENT ROM 4 kbytes DECODE 8 T1 8 8 5 888 8 8 P0.0 to P0.7 RAM ADDRESS REGISTER ACCUMULATOR TEMPORARY REGISTER 1 PCD3349A HGF REGISTER 8 88 LGF REGISTER SINE WAVE GENERATOR TEMPORARY REGISTER 2 ARITHMETIC LOGIC UNIT INSTRUCTION REGISTER & DECODER DECIMAL ADJUST CONTROL & TIMING XTAL 2 XTAL 1 RESET STOP IDLE INTERRUPT INITIALIZE CONDITIONAL BRANCH LOGIC CE / T0 CE / T0 T1 TIMER FLAG CARRY ACC ACC BIT TEST RESIDENT RAM ARRAY 224 bytes MULTIPLEXER 8 LEVEL STACK (VARIABLE LENGTH) OPTIONAL SECOND REGISTER BANK DATA STORE D E C O D E REGISTER 0 REGISTER 1 REGISTER 2 REGISTER 3 REGISTER 4 REGISTER 5 REGISTER 6 REGISTER 7 PORT 1 FLIP-FLOP PORT 1 BUFFER P1.0 to P1.7 8 8 PORT 2 FLIP-FLOP PORT 2 BUFFER P2.0 to P2.3 4 4 TIMER/ EVENT COUNTER 32 INTERNAL CLOCK FREQUENCY 30 8 88 8 8 INTERRUPT LOGIC timer interrupt external interrupt TONE FILTER POWER-ON-RESET VPOR RESET Fig.1 Block diagram. |