| Zakładka z wyszukiwarką danych komponentów |
|
PCD3360P Arkusz danych(PDF) 10 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCD3360P Arkusz danych(HTML) 10 Page - NXP Semiconductors |
|
10 / 20 page ![]() 1997 Jan 15 10 Philips Semiconductors Product specification Programmable multi-tone telephone ringer PCD3360 8 LIMITING VALUES In accordance with the Absolute Maximum Rating System (IEC 134). 9 HANDLING Inputs and outputs are protected against electrostatic discharge in normal handling. However, it is good practice to take normal precautions appropriate to handling MOS devices. See “Data Handbook IC03, General, Handling MOS devices”. SYMBOL PARAMETER MIN. MAX. UNIT VDD supply voltage −0.8 +9 V IDD supply current − 50 mA VI all input voltages −0.8 VDD + 0.8 V II DC input current −10 +10 mA IO DC output current −10 +10 mA Ptot total power dissipation − 300 mW PO power dissipation per output − 50 mW Tstg storage temperature range −65 +150 °C Tj operating junction temperature −25 +70 °C |