Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PCD3755AP Arkusz danych(PDF) 31 Page - NXP Semiconductors

Numer części PCD3755AP
Szczegółowy opis  8-bit microcontrollers with DTMF generator, 8 kbytes OTP and 128 bytes EEPROM
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD3755AP Arkusz danych(HTML) 31 Page - NXP Semiconductors

Back Button PCD3755AP Datasheet HTML 24Page - NXP Semiconductors PCD3755AP Datasheet HTML 25Page - NXP Semiconductors PCD3755AP Datasheet HTML 26Page - NXP Semiconductors PCD3755AP Datasheet HTML 27Page - NXP Semiconductors PCD3755AP Datasheet HTML 28Page - NXP Semiconductors PCD3755AP Datasheet HTML 29Page - NXP Semiconductors PCD3755AP Datasheet HTML 30Page - NXP Semiconductors PCD3755AP Datasheet HTML 31Page - NXP Semiconductors PCD3755AP Datasheet HTML 32Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 31 / 32 page
background image
1997 Apr 16
31
Philips Semiconductors
Product specification
8-bit microcontrollers with DTMF
generator, 8 kbytes OTP and 128 bytes
PCD3755A; PCD3755E;
PCD3755F
23 DEFINITIONS
24 LIFE SUPPORT APPLICATIONS
These products are not designed for use in life support appliances, devices, or systems where malfunction of these
products can reasonably be expected to result in personal injury. Philips customers using or selling these products for
use in such applications do so at their own risk and agree to fully indemnify Philips for any damages resulting from such
improper use or sale.
Data sheet status
Objective specification
This data sheet contains target or goal specifications for product development.
Preliminary specification
This data sheet contains preliminary data; supplementary data may be published later.
Product specification
This data sheet contains final product specifications.
Limiting values
Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 134). Stress above one or
more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation
of the device at these or at any other conditions above those given in the Characteristics sections of the specification
is not implied. Exposure to limiting values for extended periods may affect device reliability.
Application information
Where application information is given, it is advisory and does not form part of the specification.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32