| Zakładka z wyszukiwarką danych komponentów |
|
KRTBAILMS1 Arkusz danych(PDF) 22 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
KRTBAILMS1 Arkusz danych(HTML) 22 Page - OSRAM GmbH |
|
22 / 30 page ![]() KRTB AILMS1 DATASHEET DATASHEET 22 | Version 1.3 | 2022-07-27 Reflow Soldering Profile Product complies to MSL Level 3 acc. to JEDEC J-STD-020E 0 0 s OHA04525 50 100 150 200 250 300 50 100 150 200 250 300 t T ˚C S t t P t Tp 240 ˚C 217 ˚C 245 ˚C 25 ˚C L Profile Feature Symbol Pb-Free (SnAgCu) Assembly Unit Minimum Recommendation Maximum Ramp-up rate to preheat*) 25 °C to 150 °C 2 3 K/s Time t S T Smin to TSmax t S 60 100 120 s Ramp-up rate to peak*) T Smax to TP 2 3 K/s Liquidus temperature T L 217 °C Time above liquidus temperature t L 80 100 s Peak temperature T P 245 260 °C Time within 5 °C of the specified peak temperature T P - 5 K t P 10 20 30 s Ramp-down rate* T P to 100 °C 3 6 K/s Time 25 °C to T P 480 s All temperatures refer to the center of the package, measured on the top of the component * slope calculation DT/Dt: Dt max. 5 s; fulfillment for the whole T-range |