| Zakładka z wyszukiwarką danych komponentów |
|
PCE84C487 Arkusz danych(PDF) 2 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCE84C487 Arkusz danych(HTML) 2 Page - NXP Semiconductors |
|
2 / 36 page ![]() 1996 Feb 21 2 Philips Semiconductors Objective specification Microcontrollers for digital auto-sync and VST TV controller applications PCE84C486; PCE84C487 CONTENTS 1 FEATURES 1.1 General 1.2 Special 2 GENERAL DESCRIPTION 3 ORDERING INFORMATION 4 BLOCK DIAGRAMS 5 PINNING INFORMATION 5.1 Pinning 5.2 Pin description 6 RESET 6.1 External reset using the RESET pin 6.2 Power-on-reset 6.3 Watchdog Timer reset 6.4 Reset trip level 6.5 Reset status 7 ANALOG (DC) CONTROL 7.1 6 and 7-bit PWM outputs 7.2 8-bit PWM outputs 7.3 14-bit PWM output (PWM8) 7.4 A typical PWM output application 8 ANALOG-TO-DIGITAL CONVERTER (ADC) 8.1 Conversion algorithm 8.2 A typical application for keypad detection 9I2C-BUS INTERFACE 10 8-BIT COUNTER (T3) 11 WATCHDOG TIMER (WDT) 12 OUTPUT PORTS 12.1 Mask options 13 DERIVATIVE REGISTERS 14 LIMITING VALUES 15 DC CHARACTERISTICS 16 AC CHARACTERISTICS 17 PACKAGE OUTLINES 18 SOLDERING 18.1 Introduction 18.2 SDIP 19 DEFINITIONS 20 LIFE SUPPORT APPLICATIONS 21 PURCHASE OF PHILIPS I2C COMPONENTS |