Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PC18B01 Arkusz danych(PDF) 5 Page - ATMEL Corporation

Numer części PC18B01
Szczegółowy opis  Cell-based ASIC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ATMEL [ATMEL Corporation]
Strona internetowa  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PC18B01 Arkusz danych(HTML) 5 Page - ATMEL Corporation

  PC18B01 Datasheet HTML 1Page - ATMEL Corporation PC18B01 Datasheet HTML 2Page - ATMEL Corporation PC18B01 Datasheet HTML 3Page - ATMEL Corporation PC18B01 Datasheet HTML 4Page - ATMEL Corporation PC18B01 Datasheet HTML 5Page - ATMEL Corporation PC18B01 Datasheet HTML 6Page - ATMEL Corporation PC18B01 Datasheet HTML 7Page - ATMEL Corporation PC18B01 Datasheet HTML 8Page - ATMEL Corporation PC18B01 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
1389CS–CASIC–06-Nov-06
ATC18 Summary
3.
Input/Output Pad Cell Libraries IO18lib, IO25lib and IO33lib
The Atmel Input/Output Cell Library IO18lib contains a comprehensive list of input, output, bi-
directional and tristate cells. The ATC18 (1.8V) cell library includes a special set of I/O cells,
IO25lib (IO33lib), for interfacing with external 2.5V (3.3V) devices.
3.1
Voltage Levels
The IO18lib library is made up exclusively of low-voltage chip interface circuits powered by a
voltage level in the range of 1.65V to 1.95V. The library is compatible with SClib, 1.8-volt stan-
dard cell library.
3.2
Power and Ground Pads
Designers are strongly encouraged to provide three kinds of power pairs for the IO18lib library.
These are “AC”, “DC” and core power pairs. AC power is used by the I/O to switch its output
from one state to the other. This switching generates noise in the AC power buses on the chip.
DC power is used by the I/O to maintain its output in a steady state. The best noise performance
is achieved when the DC power buses on the chip are free of noise; you are encouraged to use
separate power pairs for AC and DC power to prevent most of the noise in the AC power buses
from reaching the DC power buses. You can use the same power pairs to supply both DC power
to the I/Os and power to the core without affecting noise performance.
Table 3-1.
VSS Power Pad Combinations
Core
Switching I/O
Quiet I/O
Library Cell Name
Signal Name
Vssi/gnd
VssAC
VssDC
•/ •
pv18i00
VSS
•
pv18a00
VSS
•
pv18d00
VSS
••
pv18e00
VSS
•/ •
•
pv18b00
VSS
•/ •
•
•
pv18f00
VSS
/•
pv18c00
VSS
Table 3-2.
VDD Power Pad Combinations
Core
Switching I/O
Quiet I/O
Library Cell Name
Signal Name
Vddi/vdd
VddAC
VddDC
•/ •
pv18i18
VDD
•
pv18a18
VDD
•
pv18d18
VDD
••
pv18e18
VDD
•/ •
•
pv18b18
VDD
•/ •
•
•
pv18f18
VDD
/•
pv18c18
VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com