Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PC18B02 Arkusz danych(PDF) 7 Page - ATMEL Corporation

Numer części PC18B02
Szczegółowy opis  Cell-based ASIC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ATMEL [ATMEL Corporation]
Strona internetowa  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PC18B02 Arkusz danych(HTML) 7 Page - ATMEL Corporation

Back Button PC18B02 Datasheet HTML 3Page - ATMEL Corporation PC18B02 Datasheet HTML 4Page - ATMEL Corporation PC18B02 Datasheet HTML 5Page - ATMEL Corporation PC18B02 Datasheet HTML 6Page - ATMEL Corporation PC18B02 Datasheet HTML 7Page - ATMEL Corporation PC18B02 Datasheet HTML 8Page - ATMEL Corporation PC18B02 Datasheet HTML 9Page - ATMEL Corporation PC18B02 Datasheet HTML 10Page - ATMEL Corporation PC18B02 Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
1389CS–CASIC–06-Nov-06
ATC18 Summary
4.
Basic Analog Cell Library, ANA18lib, ANA25lib, ANA33lib
The Atmel basic analog library makes the following parts available:
• Multiplexer modules
– Multiplexers to minimize cross-talk (for use with high-impedance nodes).
– Multiplexers to minimize ON resistance.
• Analog input and output cells
• Analog power and ground cells
A special set of basic analog I/O cells, ANA25lib (ANA33lib), is available for interfacing with
external 2.5V (3.3V) devices.
5.
General-purpose Analog Cell Library, GPlib
The General-purpose Analog Cell Library (GPlib) is composed of cells performing various ana-
log functions.
Currently available are:
• Regulators
• Power Management Cells
•Op Amps
•Comparators
•ADCs
•DACs
•PLLs
Additional high-performance, complex analog cells can be developed according to specific cus-
tomer requirements.
6.
Oscillator Cell Library, OSC18lib
The Atmel Oscillator Library provides stable clock sources. It comprises five standard oscillators.
The Atmel two-pad oscillators are designed with the Pierce three-point oscillator structure.
For the 32.768 kHz oscillator, the load capacitance must be between 6 pF and 12.5 pF. For
high-frequency oscillators, the load capacitance must be between 15 pF and 20 pF. External
capacitors must be added in order to obtain the correct load capacitance.
Clock output is high at off state (onosc = 0). The oscillators provide a bypass mode (onosc = 0),
clock = not (xin).
Table 6-1 gives the available OSC18lib cells and their major characteristics.
Table 6-1.
Oscillator Cells
Cell Name
Description
OSC18f33K
32.786 kHz crystal
OSC18f9M
9 MHz crystal oscillator
OSC18f16M
16 MHz crystal oscillator
OSC18f27M
27 MHz crystal oscillator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com