Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PC18B05 Arkusz danych(PDF) 6 Page - ATMEL Corporation

Numer części PC18B05
Szczegółowy opis  Cell-based ASIC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ATMEL [ATMEL Corporation]
Strona internetowa  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PC18B05 Arkusz danych(HTML) 6 Page - ATMEL Corporation

Back Button PC18B05 Datasheet HTML 2Page - ATMEL Corporation PC18B05 Datasheet HTML 3Page - ATMEL Corporation PC18B05 Datasheet HTML 4Page - ATMEL Corporation PC18B05 Datasheet HTML 5Page - ATMEL Corporation PC18B05 Datasheet HTML 6Page - ATMEL Corporation PC18B05 Datasheet HTML 7Page - ATMEL Corporation PC18B05 Datasheet HTML 8Page - ATMEL Corporation PC18B05 Datasheet HTML 9Page - ATMEL Corporation PC18B05 Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
1389CS–CASIC–06-Nov-06
ATC18 Summary
3.3
Cell Matrices
Note:
All 3-state I/Os, 3-state output only and input pads are also available with pull-up and pull-down device.
Table 3-3.
CMOS Pads
CMOS Cell Name
3-state I/O
Output Only
3-state Output Only
Drive Strength
Pad Sites Used
PC18B01
•
1x
1
PC18B02
•
2x
1
PC18B03
•
3x
1
PC18B04
•
4x
1
PC18B05
•
5x
1
PC18O01
•
1x
1
PC18O02
•
2x
1
PC18O03
•
3x
1
PC18O04
•
4x
1
PC18O05
•
5x
1
PC18T01
•
1x
1
PC18T02
•
2x
1
PC18T03
•
3x
1
PC18T04
•
4x
1
PC18T05
•
5x
1
Table 3-4.
TTL Pads
TTL Cell Name
3-state I/O
Output Only
3-state Output Only
Drive Strength
Pad Sites Used
PT18B01
•
2 mA
1
PT18B02
•
4 mA
1
PT18B03
•
8 mA
1
PT18O01
•
2 mA
1
PT18O02
•
4 mA
1
PT18O03
•
8 mA
1
PT18T01
•
2 mA
1
PT18T02
•
4 mA
1
PT18T03
•
8 mA
1
Table 3-5.
CMOS/TTL Input Only Pad
CMOS Cell Name
Input Levels
Schmitt Input
Level Shifter
Non-inverting
Inverting
Pad Sites Used
PC18D01
CMOS
•
1
PC18D11
CMOS
•
1
PC18D21
CMOS
••
1
PC18D31
CMOS
••
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com