| Zakładka z wyszukiwarką danych komponentów |
|
PCF5001 Arkusz danych(PDF) 18 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF5001 Arkusz danych(HTML) 18 Page - NXP Semiconductors |
|
18 / 44 page ![]() 1997 Mar 04 18 Philips Semiconductors Product specification POCSAG Paging Decoder PCF5001 Termination of call reception causes a termination word to be transferred, which indicates successful or unsuccessful call termination as shown in Table 6. Serial data transfer for a received call ends with a stop condition as shown in Fig.15c. MEA254 - 1 1st message word address word start condition DO DS START OF TRANSFER A0 A1 A2 A3 A4 A5 A6 A7 message word N+1 message word N message word N–1 MESSAGE TRANSFER Mn0 Mn1 Mn2 Mn3 Mn4 Mn5 Mn6 Mn7 termination word last message word END OF TRANSFER T0 T1 T2 T3 T4 T5 T6 T7 stop condition DO DS DO DS Fig.14 Call data transfer on the serial communication interface. |