| Zakładka z wyszukiwarką danych komponentów |
|
PCF8531 Arkusz danych(PDF) 31 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF8531 Arkusz danych(HTML) 31 Page - NXP Semiconductors |
|
31 / 44 page ![]() 2000 Feb 11 31 Philips Semiconductors Product specification 34 × 128 pixel matrix driver PCF8531 handbook, full pagewidth MGS483 HOST MICROPROCESSOR/ MICROCONTROLLER LCD PANEL VSS1, VSS2 VSS VDD(I2C) VLCD VDD1 to VDD3 VSS1, VSS2 SDA SCL PCF8531 Rpu Rpu RES 128 column drivers 34 row drivers Fig.24 Typical system configuration. The host microprocessor/microcontroller and the PCF8531 are both connected to the I2C-bus. The SDA and SCL lines must be connected to the positive power supply via pull-up resistors. The internal oscillator requires no external components. The appropriate intermediate biasing voltage for the multiplexed LCD waveforms are generated on-chip. The only other connections required to complete the system are to the power supplies (VDD,VSS and VLCD) and suitable capacitors for decoupling VLCD and VDD. |