Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

M2192 Arkusz danych(PDF) 13 Page - Enercon Technologies Europe AG

Numer części M2192
Szczegółowy opis  DC/DC OWER SUPPLY
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ENERCON [Enercon Technologies Europe AG]
Strona internetowa  https://enercon-europe.com/
Logo ENERCON - Enercon Technologies Europe AG

M2192 Arkusz danych(HTML) 13 Page - Enercon Technologies Europe AG

Back Button M2192 Datasheet HTML 9Page - Enercon Technologies Europe AG M2192 Datasheet HTML 10Page - Enercon Technologies Europe AG M2192 Datasheet HTML 11Page - Enercon Technologies Europe AG M2192 Datasheet HTML 12Page - Enercon Technologies Europe AG M2192 Datasheet HTML 13Page - Enercon Technologies Europe AG M2192 Datasheet HTML 14Page - Enercon Technologies Europe AG M2192 Datasheet HTML 15Page - Enercon Technologies Europe AG M2192 Datasheet HTML 16Page - Enercon Technologies Europe AG M2192 Datasheet HTML 17Page - Enercon Technologies Europe AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
Page 13 of 18
Oct 27, 2023
|
Rev (g)
|
Doc: DS_M2192 Series
M2192 Series– DC/DC Power Supply
Cham,
www.enercon-europe.com
Netanya, www.enercon.co.il
Gurgaon, www.mpsindia.in
Switzerland
sales@enercon-europe.com
Israel
sales@enercon.co.il
India
sales@mpsindia.in
Memory Space
Response
Byte
#
Data Type
Meaning
Interpretation
Reading
Range
0
U Integer, MSB First
Echo of Command
21
Hex
1
N/A
00
Hex
3
-
2
S Integer, MSB First
Temperature
-
55C to 120C
7bit Dec
-
T(Cᵒ)=+/
-
55°C to 125°C
5
-
4
U Integer, MSB First
12V VS1 Voltage
V(out) = Dataˑ m2
20.48V
7
-
6
First
U Integer, MSB
3.3V VS2 Voltage
V(out) = Dataˑ m2
20.48V
9
-
8
U Integer, MSB First
N/A
N/A
N/A
11
-
10
U Integer, MSB First
N/A
N/A
N/A
13
-
12
U Integer, MSB First
N/A
N/A
N/A
15
-
14
U Integer, MSB First
N/A
N/A
N/A
17
-
16
U Integer, MSB First
12V VS1 Current
V(out) = Dataˑ m3
80A
19
-
18
U Integer, MSB First
3.3V VS2 Current
V(out) = Dataˑ m3
20A
21
-
20
U Integer, MSB First
N/A
N/A
N/A
23
-
22
U Integer, MSB First
N/A
N/A
N/A
35
-
24
U Integer, MSB First
N/A
N/A
N/A
27
-
26
U Integer, MSB First
N/A
N/A
N/A
29
-
28
U Integer, MSB First
Reserved
00Hex
31
-
30
U Integer, MSB First
Reserved
00Hex
51
-
32
Character String (ASCII)
Part Number
xxx
-
2192
M
*
)
Note1
(
20
Characters
53
-
52
Decimal, MSB First
Serial Number, 2MSB Dig
X,X Dec
)
Note2
(
Optional
55
-
54
Decimal, MSB First
Serial Number, 2LSB Dig
X,X Dec
)
Note2
(
Optional
57
-
56
Decimal, MSB First
Date Code
Week, Year
)
Note3
(
Optional
59
-
58
Character String (ASCII)
Hardware Rev
B01 & B02 Boards
)
Note4
(
2
Characters
61
-
60
Decimal, MSB First
Firmware Rev
X,X,X,X Dec
)
Note5
(
4
digits
62
U Integer, MSB First
Reserved
AA Hex
63
U Integer, MSB First
Zero Checksum
Value required to make the sum of bytes 0 to 62
added to a multiple of 256
Note:
M2 = 20.48/65535
M3 = 80/65535
M4 = 20/65535
*Matching unit part number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com