Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ZXBM1004 Arkusz danych(PDF) 10 Page - Zetex Semiconductors

Numer części ZXBM1004
Szczegółowy opis  VARIABLE SPEED SINGLE-PHASE BLDC MOTOR CONTROLLER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ZETEX [Zetex Semiconductors]
Strona internetowa  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXBM1004 Arkusz danych(HTML) 10 Page - Zetex Semiconductors

Back Button ZXBM1004_07 Datasheet HTML 4Page - Zetex Semiconductors ZXBM1004_07 Datasheet HTML 5Page - Zetex Semiconductors ZXBM1004_07 Datasheet HTML 6Page - Zetex Semiconductors ZXBM1004_07 Datasheet HTML 7Page - Zetex Semiconductors ZXBM1004_07 Datasheet HTML 8Page - Zetex Semiconductors ZXBM1004_07 Datasheet HTML 9Page - Zetex Semiconductors ZXBM1004_07 Datasheet HTML 10Page - Zetex Semiconductors ZXBM1004_07 Datasheet HTML 11Page - Zetex Semiconductors ZXBM1004_07 Datasheet HTML 12Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Drive transisitors
Zetex offers a range of devices that are ideally suited to
interface between the ZXBM1004 controller and the
motor. The following tables show a selection of
products ranging from single packaged H-bridge
devices to individual power components that can be
used in this application. If your needs are not covered
by this selection then please refer to the the more
comprehensive listings that can be found on the Zetex
website: www.zetex.com
ZXBM1004
SEMICO NDUC TORS
ISSUE 6 - MAY 2007
10
Description
Part Number
Content
BV
DSS
V
I
D
A
I
DM
A
R
DS(on) @ VGS=10V
max. m
Package
MOSFET
H-Bridge
ZXMHC6A07T8
2 x N
2 x P
60
-60
1.8
-1.5
8.7
-7.5
300
425
SM-8
ZXMHC3A01T8
2 x N
2 x P
30
-30
3.1
-2.3
14.5
-10.8
120
210
SM-8
N+ P
channel
MOSFET
ZXMC4559DN8
N
P
60
-60
4.7
-3.5
22
-18
55
105
SO8
ZXMC3A16DN8
N
P
30
-30
6.4
-5.4
30
-25
35
48
SO8
Low side
switch
MOSFET
ZXMN10A09K
ZXMN6A09K
ZXMN3A04K
N
N
N
100
60
30
7.7
11.2
18.4
27
40
66
85
45
20
DPAK
Description Part Number
Content
BV
CEO
V
I
C
A
I
CM
A
V
CE(sat) at IC=2A
max. mV
Package
High side
switch
Bipolar
ZXT953K
ZXT951K
ZXT790AK
PNP
PNP
PNP
-100
-60
-40
-5
-6
-3
-10
-15
-6
-175
-165
-450
DPAK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com