| Zakładka z wyszukiwarką danych komponentów |
|
AM417 Arkusz danych(PDF) 9 Page - Analog Microelectronics GmbH |
|
|
|||||||||||||||||||||||||||||
AM417 Arkusz danych(HTML) 9 Page - Analog Microelectronics GmbH |
|
9 / 18 page ![]() AM417 – Ratiometric instrumentation amplifier with adjustable output stage Analog Microelectronics GmbH An der Fahrt 13, D – 55124 Mainz July 2008 –Rev 3.1- Page 9/18 Phone:+49 (0)6131/91 073-0 Fax: +49 (0)6131/91 073-30 Internet: http://www.analogmicro.de Email: info@analogmicro.de If when calculating VRO (Equation 11) a negative value is produced, the resistor R0 must be placed in the left arm of the bridge ( RO’; see Figure 3): Doing so changes the effective direction of RO and its resistance is now expressed as: IB RO O I V R ) ( 2 ' − ⋅ = (12a) 1 7 AM417 C 1 V OUT 8 V S T 1 R 2 C 2 R 3 R 4 6 C 3 Ground R 9 R 2 3 OP IA I IB Output- stage R 1 4 5 R B1 R B2 R B3 R B4 V IN - V IN + R O ´ Figure 3: Circuit as in Figure 2 with R0’ (instead R0) at input pin 5 (IN-) |