Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

HCDLCBST Arkusz danych(PDF) 1 Page - Heyco.

Numer części HCDLCBST
Szczegółowy opis  Nylon PCB Supports - Imperial Spacing
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  HEYCO [Heyco.]
Strona internetowa  https://www.heyco.com/
Logo HEYCO - Heyco.

HCDLCBST Arkusz danych(HTML) 1 Page - Heyco.

  HCDLCBST Datasheet HTML 1Page - Heyco.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
7-10a
1-800-526-4182 • 732-286-1800 (NJ) • FAX: 732-244-8843 • www.heyco.com
“Stay Connected” with
HEYware Products
®
Quick
Specs
FLAT TOP REST MOUNT /
ARROWHEAD LOCK
CUPPED TEARDROP /
CUPPED TEARDROP
ARROWHEAD SNAP LOCK /
ARROWHEAD SNAP LOCK
HPS
HCDLCBST
HSSL
HLNCBS
Maximum
Mounting
Maximum
Mounting
Maximum
Mounting
Maximum
Mounting
Thickness
Hole Diameter
Thickness
Hole Diameter
Thickness
Hole Diameter
Thickness
Hole Diameter
in.
mm.
in.
mm.
in.
mm.
in.
mm.
in.
mm.
in.
mm.
in.
mm.
in.
mm.
PCB
flat top rest mount
.062
1,6
.098
2,5
.062
1,6
.157
4,0
.062
1,6
.157
4,0
Chassis
.078
2,0
.187
4,8
.062
1,6
.098
2,5
.070
1,8
.188
4,8
.078
2,0
.187
4,8
A
PART NO.
DESCRIPTION
PART NO.
DESCRIPTION
PART NO.
DESCRIPTION
PART NO.
DESCRIPTION
in.
mm.
Natural
Natural*
Natural
Natural
.187
4,8
10233
HPS-03
10836
HCDLCBST-03
3670
HSSL-03
10966
HLNCBS-03
.250
6,4
10234
HPS-04
10837
HCDLCBST-04
3671
HSSL-04
10967
HLNCBS-04
.312
7,9
10235
HPS-05
10838
HCDLCBST-05
.375
9,5
10236
HPS-06
10839
HCDLCBST-06
3672
HSSL-06
10969
HLNCBS-06
.437
11,1
10237
HPS-07
10840
HCDLCBST-07
3673
HSSL-07
.500
12,7
10238
HPS-08
10841
HCDLCBST-08
3674
HSSL-08
10971
HLNCBS-08
.562
14,3
10842
HCDLCBST-09
.625
15,9
10239
HPS-10
10843
HCDLCBST-10
3675
HSSL-10
10973
HLNCBS-10
.750
19,1
10240
HPS-12
3676
HSSL-12
10974
HLNCBS-12
.875
22,2
10241
HPS-14
10975
HLNCBS-14
Standard color natural.
*Consult Heyco for HCDLCBST in V-0 material.
Heyco
® Nylon PCB Supports - Imperial Spacing
BAYONET SNAP LOCK 15,2 /
ARROWHEAD SNAP LOCK
Material
Nylon 6/6
Flammability Rating
94V-2
Temperature Range
-40°F (-40°C) to 185°F (85°C)


Podobny numer części - HCDLCBST

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
HCD-26B ETC2-HCD-26B Datasheet
24Kb / 1P
CUSTOMER DATA SHEET
logo
Hanwha Vision Co., Ltd....
HCD-6010 HANWHAVISION-HCD-6010 Datasheet
1Mb / 4P
2MP Analog Dome Camera
HCD-6020R HANWHAVISION-HCD-6020R Datasheet
1Mb / 4P
2MP Analog IR Dome Camera
HCD-6070R HANWHAVISION-HCD-6070R Datasheet
1Mb / 4P
1080p Analog HD IR Dome Camera
HCD-6080R HANWHAVISION-HCD-6080R Datasheet
1Mb / 4P
1080p Analog HD IR Dome Camera
More results

Podobny opis - HCDLCBST

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
561-MLLP187 ETC2-561-MLLP187 Datasheet
127Kb / 1P
PCB Supports - MLLP Series
logo
Harwin Plc
R30-1611100 HARWIN-R30-1611100 Datasheet
2Mb / 1P
Metric & Imperial Spacers
logo
List of Unclassifed Man...
561-DMSP250 ETC2-561-DMSP250 Datasheet
79Kb / 2P
PCB Supports
561-DSP125 ETC2-561-DSP125 Datasheet
294Kb / 2P
PCB Supports, DSP Series
561-LT187 ETC2-561-LT187 Datasheet
148Kb / 2P
PCB Supports - LTP Series
561-MLLP187 ETC2-561-MLLP187_11 Datasheet
173Kb / 2P
PCB Supports - MLLP Series
10104 ETC-10104 Datasheet
116Kb / 1P
Heyco짰 Nylon PCB Supports - Imperial Spacing
10500 ETC-10500 Datasheet
95Kb / 1P
Heyco짰 Nylon PCB Supports - Metric Spacing
10734 ETC-10734 Datasheet
90Kb / 1P
Heyco짰 Nylon PCB Supports - Threaded Male
11826 ETC-11826 Datasheet
125Kb / 1P
Heyco짰 Nylon Male/Female Threaded Hex Supports
More results


Html Pages

1


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com