| Zakładka z wyszukiwarką danych komponentów |
|
S32K311NHT0MPAST Arkusz danych(PDF) 59 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
S32K311NHT0MPAST Arkusz danych(HTML) 59 Page - NXP Semiconductors |
|
59 / 143 page ![]() Table 22. RUN mode configuration options (continued) 80 MHz 120 MHz 160 MHz 240 MHz 320 MHz @160 MHz @160 MHz @120 MHz @120 MHz @80M Hz @240 MHz @240 MHz cores @320 MHz Core M7_0 80 MHz 120 MHz 160 MHz 240 MHz 320 MHz 160 MHz 160 MHz 120 MHz 120 MHz 80 MHz 240 MHz 240 MHz 320 MHz Core M7_1 80 MHz 120 MHz 160 MHz 240 MHz 320 MHz 160 MHz - 120 MHz - - 240 MHz 240 MHz 320 MHz Core M7_2 - - - 240 MHz 320 MHz - - - - - - 240 MHz 320 MHz Core M7_3 - - - - 320 MHz - - - - - - - 320 MHz HSE_B 2 80 MHz 120 MHz 80 MHz 120 MHz 160 MHz 80 MHz 80 MHz 120 MHz 120 MHz 80 MHz 120 MHz 120 MHz 160 MHz FIRC ON ON ON ON ON ON ON ON ON ON ON ON ON FXOS C ON ON ON ON ON ON ON ON ON ON ON ON ON SIRC ON ON ON ON ON ON ON ON ON ON ON ON ON PLL ON ON ON ON ON ON ON ON ON ON ON ON ON Flash ON ON ON ON ON ON ON ON ON ON ON ON ON eDMA ON ON ON ON ON ON ON ON ON ON ON ON ON FlexC AN3 All OFF All OFF All OFF All OFF All OFF 6x 2x 4x 6x 1x 8x 8x 8x LPUA RT4 All OFF All OFF All OFF All OFF All OFF 16x 4x 10x 8x 7x 16x 16x 16x LPSPI 5 All OFF All OFF All OFF All OFF All OFF 6x 4x 4x 4x 3x 5x 5x 5x LPI2C6 All OFF All OFF All OFF All OFF All OFF All OFF 2x 2x 2x All OFF 1x 1x 1x EMAC/ GMAC 7 OFF OFF OFF OFF OFF ON OFF ON OFF OFF ON ON ON SAI OFF OFF OFF OFF OFF OFF OFF OFF OFF OFF OFF OFF OFF QSPI OFF OFF OFF OFF OFF OFF OFF OFF OFF OFF ON ON ON Table continues on the next page... NXP Semiconductors Power management S32K3xx Data Sheet, Rev. 9.1, 03/2024 Data Sheet: Technical Data Preliminary Information for S32K388 59 / 143 |