| Zakładka z wyszukiwarką danych komponentów |
|
PDIUSBH11 Arkusz danych(PDF) 8 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PDIUSBH11 Arkusz danych(HTML) 8 Page - NXP Semiconductors |
|
8 / 26 page ![]() Philips Semiconductors Product specification PDIUSBH11 Universal Serial Bus Hub 1997 Aug 01 8 COMMAND DESCRIPTIONS Command Procedure There are four basic types of commands: Initialization, Data, Hub Specific and General commands. Respectively, these are used to initialize the hub and embedded function; for data flow between the hub, embedded function and the host; some hub specific commands for controlling individual downstream ports; and some general commands. Initialization Commands Initialization commands are used during the enumeration process of the USB network. These commands are used to enable the hub and embedded function endpoints. They are also used to set the USB assigned address. Set Address / Enable Command : D0h (Hub), D1h (Embedded Function) Data : Write 1 byte This command is used to set the USB assigned address and enable the hub or embedded function respectively. The hub always powers up disabled and should be enabled after a bus RESET. 0 7 0 6 0 5 0 4 0 3 0 2 0 1 0 0 POWER ON VALUE ADDRESS ENABLE SV00385 ADDRESS THE VALUE WRITTEN BECOMES THE ADDRESS ENABLE A ‘1’ ENABLES THIS FUNCTION Set Endpoint Enable Command : D8h Data : Write 1 byte Interrupt endpoints can only be enabled when the hub/function is enabled via the Set Address/Enable command. X 7 X 6 X 5 X 4 X 3 X 2 0 1 0 0 POWER ON VALUE HUB’S INTERRUPT ENDPOINT FUNCTION’S INTERRUPT ENDPOINT RESERVED HUB’S INTERRUPT ENDPOINT A VALUE OF ‘1’ INDICATES THE HUB’S INTERRUPT ENDPOINT IS ENABLED. FUNCTION’S INTERRUPT ENDPOINT A VALUE OF ‘1’ INDICATES THE EMBEDDED FUNCTION’S INTERRUPT ENDPOINT IS ENABLED. SV00387 |