| Zakładka z wyszukiwarką danych komponentów |
|
BUS Arkusz danych(PDF) 26 Page - Christian Bürkert GmbH & Co. KG |
|
|
|||||||||||||||||||||||||||||
BUS Arkusz danych(HTML) 26 Page - Christian Bürkert GmbH & Co. KG |
|
26 / 42 page ![]() Type büS büS network shielding 26 11 11.1 büS NETWORK SHIELDING Shielding of EDIP devices Detailed shielding information for each device can be found in pin assignment of technical data sheet and operating instructions. There are three types of device-internal shieldings: Direct: Direct connection of shield to FE Device (Direct) büS cable shield Functional earth (FE) RC: Parallel connection of resistor and capacitor to FE Device (RC) büS cable shield Functional earth (FE) None: No shield connection Device (None) büS cable shield Shield end is floating! Device has no functional earth (FE) to connect! Tab. 6: büS network shielding 11.2 Comparison of shieldings Shielding Reasons for/when using Restrictions for installation or disadvant- ages DIRECT Connection of shield to FE ▪ Best shielding effect ▪ Metal housing (e.g. stainless steel for “clean design”) Equipotential FE grounding system in plant is mandatory. RC Parallel connection of resistor and ca- pacitor to FE ▪ Second best shielding effect ▪ Also practicable when FE quality is poor ▪ Recommended shielding for safety applications to prevent compensation currents Shielding effect may not be sufficient in very rough H-field emitting environments. NONE No FE on device available (e.g. due to customer requirement) To have any shielding effect, cable shield must always led near by device with no significant stiches (stubs). The shielding is carried out on subsequent or adjacent devices. Tab. 7: Comparison |