| Zakładka z wyszukiwarką danych komponentów |
|
MS02 Arkusz danych(PDF) 8 Page - Christian Bürkert GmbH & Co. KG |
|
|
|||||||||||||||||||||||||||||
MS02 Arkusz danych(HTML) 8 Page - Christian Bürkert GmbH & Co. KG |
|
8 / 12 page ![]() Type 8905 8 | 12 Visit product website Housing for the sensor cubes The device can contain one to six sensor cubes. The main housing parts for the sensor cubes are shown in the following drawing. Depending on the configuration of the device and for a complete description and for the technical data related to the sensor cubes, refer to the data sheets of each sensor cubes (see following table). Sample water pipes connections (inlet and outlet) büS connector Sensor cubes on fluidic backplane Mounting rail for fluidic backplane Sensor cubes Measured physical value Marking of the push buttons pH sensor cube, see data sheet Type MS01 pH and temperature Chlorine sensor cube, see data sheet Type MS02 Chlorine, chlorine dioxide and temperature Conductivity sensor cube, see data sheet Type MS03 Conductivity and temperature ORP sensor cube, see data sheet Type MS04 Redox potential Turbidity sensor cube, see data sheet Type MS05 Turbidity (ISO and EPA) |