Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SFH5721 Arkusz danych(PDF) 34 Page - OSRAM GmbH

Numer części SFH5721
Szczegółowy opis  Chip LED Digital Ambient Light Sensor
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  OSRAM [OSRAM GmbH]
Strona internetowa  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH5721 Arkusz danych(HTML) 34 Page - OSRAM GmbH

Back Button SFH5721 Datasheet HTML 30Page - OSRAM GmbH SFH5721 Datasheet HTML 31Page - OSRAM GmbH SFH5721 Datasheet HTML 32Page - OSRAM GmbH SFH5721 Datasheet HTML 33Page - OSRAM GmbH SFH5721 Datasheet HTML 34Page - OSRAM GmbH SFH5721 Datasheet HTML 35Page - OSRAM GmbH SFH5721 Datasheet HTML 36Page - OSRAM GmbH SFH5721 Datasheet HTML 37Page - OSRAM GmbH SFH5721 Datasheet HTML 38Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 54 page
background image
SFH 5721
DATASHEET
DATASHEET
34 | Version 1.1 | 2022-02-28
Measurement Configuration Register B (MCONFB)
0x0A
Bit
NAME
R/W
Default
Description
7:5
DGAIN[2:0]
R/W
000
Digital Gain Selection
4
SUB
R/W
1
Subtraction Selection for Dark Current Compensation
3:0
WAIT[3:0]
R/W
0000
Wait Time Selection
The MCONFB register is used to set the wait time between the measurements, to configure the
subtraction option of the IC and to set the digital gain of the measurement. The subtraction option is
useful if a single readout channel is used for measuring ‘dark’ leakage current. This ‘dark’ leakage
current can be subtracted digitally from other channels on the IC to compensate for the temperature
dependent leakage current. If a measurement is running, writing MCONFB will restart the
measurement.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54