| Zakładka z wyszukiwarką danych komponentów |
|
TCS34007FN Arkusz danych(PDF) 18 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
TCS34007FN Arkusz danych(HTML) 18 Page - OSRAM GmbH |
|
18 / 35 page ![]() Datasheet, Public Page 17 [v2-00] 2023-Feb-09 Document Feedback TCS3400 − Register Description Interrupt Register (0x8C) The Interrupt Register controls the interrupt capabilities of the device. Figure 24: Interrupt Register 7 6 5 4 3 2 1 0 Reserved APERS Field Bits Description Reserved 7:4 Reserved. Write as 0. APERS 3:0 Clear Interrupt Persistence. Controls rate of Clear channel interrupt to the host processor. Field Value Persistence 0000 Every RGBC cycle generates an interrupt 0001 Any value outside of threshold range 0010 2 consecutive values out of range 0011 3 consecutive values out of range 0100 5 consecutive values out of range 0101 10 consecutive values out of range 0110 15 consecutive values out of range 0111 20 consecutive values out of range 1000 25 consecutive values out of range 1001 30 consecutive values out of range 1010 35 consecutive values out of range 1011 40 consecutive values out of range 1100 45 consecutive values out of range 1101 50 consecutive values out of range 1110 55 consecutive values out of range 1111 60 consecutive values out of range |