| Zakładka z wyszukiwarką danych komponentów |
|
TCS34711FN Arkusz danych(PDF) 25 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
TCS34711FN Arkusz danych(HTML) 25 Page - OSRAM GmbH |
|
25 / 39 page ![]() Page 24 ams Datasheet Document Feedback [v1-01] 2018-Mar-27 TCS3471 − Register Description Configuration Register (0x0D) The configuration register sets the wait long time. Figure 29: Configuration Register Control Register (0x0F) The Control register provides eight bits of miscellaneous control to the analog block. These bits typically control functions such as gain settings and/or diode selection. Figure 30: Control Register 76 5 4 3 2 1 0 Reserved WLONG Reserved Field Bits Description Reserved 7:2 Reserved. Write as 0. WLONG 1 Wait Long. When asserted, the wait cycles are increased by a factor 12x from that programmed in the WTIME register. Reserved 0 Reserved. Write as 0. 76 5 4 3 2 1 0 Reserved AGAIN Field Bits Description Reserved 7:2 Reserved. Write bits as 0 AGAIN 1:0 RGBC Gain Control. FIELD VALUE RGBC GAIN VALUE 00 1x gain 01 4x gain 10 16x gain 11 60x gain |