| Zakładka z wyszukiwarką danych komponentów |
|
TCS34715FN Arkusz danych(PDF) 28 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
TCS34715FN Arkusz danych(HTML) 28 Page - OSRAM GmbH |
|
28 / 39 page ![]() ams Datasheet Page 27 [v1-01] 2018-Mar-27 Document Feedback TCS3471 − Application Information: Hardware Typical Hardware Application A typical hardware application circuit is shown in Figure 34. A 1- μF low-ESR decoupling capacitor should be placed as close as possible to the VDD pin. Figure 34: Typical Application Hardware Circuit VBUS in Figure 34 refers to the I²C bus voltage, which is either VDD or 1.8 V. Be sure to apply the specified I²C bus voltage shown in the Available Options table for the specific device being used. The I²C signals and the Interrupt are open-drain outputs and require pull-up resistors. The pull-up resistor (RP) value is a function of the I²C bus speed, the I²C bus voltage, and the capacitive load. The ams EVM running at 400 kbps, uses 1.5-k Ω resistors. A 10-k Ω pull-up resistor (RPI) can be used for the interrupt line. Application Information: Hardware TCS3471 INT SDA SCL VDD 1 mF GND VBUS RP RP RPI VDD |