| Zakładka z wyszukiwarką danych komponentów |
|
TCS37727FN Arkusz danych(PDF) 41 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
TCS37727FN Arkusz danych(HTML) 41 Page - OSRAM GmbH |
|
41 / 51 page ![]() Page 40 ams Datasheet Document Feedback [v1-01] 2018-Mar-14 TCS3772 − Pack age Drawings & Mark ings Figure 50: Package FN – Dual Flat No-Lead Packaging Configuration Note(s): 1. All linear dimensions are in micrometers. 2. The die is centered within the package within a tolerance of ± 75 μm. 3. Double-Half Etch (DHE) is 97 ± 20 μm. Non-DHE is 203 ± 8 μm. 4. Package top surface is molded with an electrically nonconductive clear plastic compound having an index of refraction of 1.55. 5. Contact finish is copper alloy A194 with pre-plated NiPdAu lead finish. 6. This package contains no lead (Pb). 7. This drawing is subject to change without notice. Package Drawings & Markings Green RoHS |