Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TSL25721 Arkusz danych(PDF) 17 Page - OSRAM GmbH

Numer części TSL25721
Szczegółowy opis  Light-to-Digital Converter
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  OSRAM [OSRAM GmbH]
Strona internetowa  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TSL25721 Arkusz danych(HTML) 17 Page - OSRAM GmbH

Back Button TSL25721 Datasheet HTML 13Page - OSRAM GmbH TSL25721 Datasheet HTML 14Page - OSRAM GmbH TSL25721 Datasheet HTML 15Page - OSRAM GmbH TSL25721 Datasheet HTML 16Page - OSRAM GmbH TSL25721 Datasheet HTML 17Page - OSRAM GmbH TSL25721 Datasheet HTML 18Page - OSRAM GmbH TSL25721 Datasheet HTML 19Page - OSRAM GmbH TSL25721 Datasheet HTML 20Page - OSRAM GmbH TSL25721 Datasheet HTML 21Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 41 page
background image
Page 16
Datasheet, Public
Document Feedback
[v2-00] 2022-Nov-30
TSL2572 − Principles O f Operation
Interrupts
The interrupt feature simplifies and improves system efficiency
by eliminating the need to poll the sensor for light intensity
values outside of a user-defined range. While the interrupt
function is always enabled and it’s status is available in the
status register (0x13), the output of the interrupt state can be
enabled using the ALS interrupt enable (AIEN) fields in the
enable register (0x00).
Two 16-bit interrupt threshold registers allow the user to set
limits below and above a desired light level. An interrupt can
be generated when the ALS CH0 data (C0DATA) falls outside of
the desired light level range, as determined by the values in the
ALS interrupt low threshold registers (AILTx) and ALS interrupt
high threshold registers (AIHTx).
It is important to note that the thresholds are evaluated in
sequence, first the low threshold, then the high threshold. As a
result, if the low threshold is set above the high threshold, the
high threshold is ignored and only the low threshold is
evaluated.
To further control when an interrupt occurs, the device provides
a persistence filter. The persistence filter allows the user to
specify the number of consecutive out-of-range ALS
occurrences before an interrupt is generated. The persistence
filter register (0x0C) allows the user to set the ALS persistence
filter (APERS) value. See the persistence filter register for details
on the persistence filter values. Once the persistence filter
generates an interrupt, it will continue until a special function
interrupt clear command is received (see Command Register).
Figure 18:
Programmable Interrupt
CH0
ADC
CH0
Data
CH0
Upper Limit
Lower Limit
AIHTH(r07), AIHTL(r06)
ALS Persistence
AILTH(r05), AILTL(r04)
APERS(r0x0C, b3:0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41