| Zakładka z wyszukiwarką danych komponentów |
|
AS6221 Arkusz danych(PDF) 21 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
AS6221 Arkusz danych(HTML) 21 Page - OSRAM GmbH |
|
21 / 39 page ![]() Document Feedback AS6221 Register Description Datasheet • PUBLIC DS000751 • v3-00 • 2022-Feb-28 38 │ 20 Figure 23: Alert Operation Modes The following table defines the content of the registers TLOW and THIGH. For data transmission, the MSB byte is transmitted first, followed by the LSB byte. The data format for representing the threshold temperatures is equal to the temperature register (TVAL). After a power-up, the registers are initialized with the following default values: ALERT output cleared ALERT output active ALERT output cleared ALERT output active T ≥ THIGH for N consecutive cycles Read operation or Set to sleep mode T ≤ TLOW for N consecutive cycles Read operation or Set to sleep mode Interrupt Mode ALERT output cleared ALERT output active Comparator Mode T ≥ THIGH for N consecutive cycles T ≤ TLOW for N consecutive cycles IM=1 IM=0 General Reset Command |