| Zakładka z wyszukiwarką danych komponentów |
|
4LS10K-5CIA Arkusz danych(PDF) 43 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
4LS10K-5CIA Arkusz danych(HTML) 43 Page - OSRAM GmbH |
|
43 / 115 page ![]() Document Feedback 4LS Functional Description Datasheet • PUBLIC DS000542 • v3-01 • 2022-Nov-17 114 │ 42 Start AD ADC Stabilization Output Mode ADC Time [clocks] ADC Response Stabilization ON Status6Reg[0] = ' 1 ' 8-Bit Mode Status2Reg[3] = ' 1 ' 34 + ROUNDUP(EOR_value + 1) = 290 12-Bit Mode Status2Reg[3] = ' 0 ' 34 + ROUNDUP((EOR_value + 1) / 1.5) = 717 (Default) Auto Start AD ON Status2Reg[4] = ' 1 ' ADC Response Stabilization OFF Status6Reg[0] = ' 0 ' 8-Bit Mode Status2Reg[3] = ' 1 ' 20 + ROUNDUP(EOR_value + 1) = 276 12-Bit Mode Status2Reg[3] = ' 0 ' 20 + ROUNDUP((EOR_value + 1) / 1.5) = 703 ADC Response Stabilization ON Status6Reg[0] = ' 1 ' 8-Bit Mode Status2Reg[3] = ' 1 ' 30 + ROUNDUP(EOR_value + 1) = 286 12-Bit Mode Status2Reg[3] = ' 0 ' 30 + ROUNDUP((EOR_value + 1) / 1.5) = 713 (1) Validation tests were performed using these ADC times, for the respective output modes. Figure 62 shows in detail the ADC Ramp and all the conversion process. Pending on the ADC configuration, the ADC Time will be different, which may influence the pixel timing minimum number of clocks: Figure 62: Sensor Timing According To The ADC Configuration(1) (1) The times identified by numbers are in line with Figure 58. Assuming that the ADC Time is much higher than the Readout Time, the sensor Full Cycle Timing (FCT) needs to take in consideration all the diagrams times, to not incur on timing violations. (A) (B) (D) Exposure Time Conversion Time TBTW_SAMPLE&START_AD = (I) Exposure Time Conversion Time TBTW_RESETS 20 clocks 30 clocks 24 clocks 34 clocks ROUNDUP(EOR_VALUE + 1) OR ROUNDUP(EOR_VALUE + 1)/1.5 ADC Time RST_CVC RST_CDS SAMPLE Start_AD RST_RAMP RST_COUNTER RAMP Conversion Time TBTW_START_AD&RST_RAMP = 1 clock (E) Full Cycle Timing (FCT) |